Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKBA4113 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA4113
Description  P-Ch 40V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA4113 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA4113 Datasheet HTML 1Page - FETek Technology Corp. FKBA4113 Datasheet HTML 2Page - FETek Technology Corp. FKBA4113 Datasheet HTML 3Page - FETek Technology Corp. FKBA4113 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA4113
P-Ch 40V Fast Switching MOSFETs
1
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V1
-27
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V1
-17
A
ID@TA=25℃
Continuous Drain Current, -VGS @ -10V1
-5.9
A
ID@TA=70℃
Continuous Drain Current, -VGS @ -10V1
-4.7
A
IDM
Pulsed Drain Current2
-54
A
EAS
Single Pulse Avalanche Energy3
42
mJ
IAS
Avalanche Current
-29
A
PD@TC=25℃
Total Power Dissipation4
41.7
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
62
℃/W
RθJC
Thermal Resistance Junction-Case1
---
3
℃/W
BVDSS
RDSON
ID
-40V
40m
Ω
-27A
Absolute Maximum Ratings
Thermal Data
PRPAK5x6 Pin Configuration
Product Summary
Applications
Features
⚫ Advanced Trench MOS Technology
⚫ Super Low Gate Charge
⚫ 100% EAS Guaranteed
⚫ Green Device Available
⚫ Load Switch.
⚫ DC-DC Converter.


Similar Part No. - FKBA4113

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA4115 FETEK-FKBA4115 Datasheet
647Kb / 4P
P-Ch 40V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKBA4113

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD4003 XINDEYI-UD4003 Datasheet
710Kb / 4P
P-Ch 40V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM4001 UNITPOWER-UM4001 Datasheet
779Kb / 4P
P-Ch 40V Fast Switching MOSFETs
UM4003 UNITPOWER-UM4003 Datasheet
756Kb / 4P
P-Ch 40V Fast Switching MOSFETs
UM4015 UNITPOWER-UM4015 Datasheet
791Kb / 4P
P-Ch 40V Fast Switching MOSFETs
UD4013 UNITPOWER-UD4013 Datasheet
408Kb / 4P
P-Ch 40V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA4115 FETEK-FKBA4115 Datasheet
647Kb / 4P
P-Ch 40V Fast Switching MOSFETs
Ver : A
FKF4115 FETEK-FKF4115 Datasheet
431Kb / 4P
P-Ch 40V Fast Switching MOSFETs
Ver : B
FKS4101 FETEK-FKS4101 Datasheet
578Kb / 4P
P-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4113 FETEK-FKS4113 Datasheet
502Kb / 4P
P-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4115 FETEK-FKS4115 Datasheet
579Kb / 4P
P-Ch 40V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com