Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7677 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7677
Description  18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7677 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7677 Datasheet HTML 17Page - Analog Devices AD7677 Datasheet HTML 18Page - Analog Devices AD7677 Datasheet HTML 19Page - Analog Devices AD7677 Datasheet HTML 20Page - Analog Devices AD7677 Datasheet HTML 21Page - Analog Devices AD7677 Datasheet HTML 22Page - Analog Devices AD7677 Datasheet HTML 23Page - Analog Devices AD7677 Datasheet HTML 24Page - Analog Devices AD7677 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7674
Rev. 0 | Page 21 of 28
DIGITAL INTERFACE
The AD7674 has a versatile digital interface; it can be interfaced
with the host system by using either a serial or parallel interface.
The serial interface is multiplexed on the parallel data bus. The
AD7674 digital interface also accommodates both 3 V and 5 V
logic by simply connecting the AD7674’s OVDD supply pin to
the host system interface digital supply. Finally, by using the
OB/2C input pin in any mode but 18-bit interface mode, both
twos complement and straight binary coding can be used.
The two signals, CS and RD, control the interface. When at least
one of these signals is high, the interface outputs are in high
impedance. Usually, CS allows the selection of each AD7674 in
multicircuit applications, and is held low in a single AD7674
design. RD is generally used to enable the conversion result on
the data bus.
t9
RESET
DATA
BUS
BUSY
CNVST
t8
03083-0-035
Figure 35. RESET Timing
CNVST
BUSY
DATA
BUS
CS = RD = 0
PREVIOUS CONVERSION DATA
NEW DATA
t1
t10
t4
t3
t11
03083-0-036
Figure 36. Master Parallel Data Timing for Reading (Continuous Read)
PARALLEL INTERFACE
The AD7674 is configured to use the parallel interface with an
18-bit, a 16-bit, or an 8-bit bus width, according to Table 7. The
data can be read either after each conversion, which is during
the next acquisition phase, or during the following conversion,
as shown in Figure 37 and Figure 38, respectively. When the
data is read during the conversion, however, it is recommended
that it is read only during the first half of the conversion phase.
This avoids any potential feedthrough between voltage
transients on the digital interface and the most critical analog
conversion circuitry. Refer to Table 7 for a detailed description
of the different options available.
DATA
BUS
t12
t13
BUSY
CS
RD
CURRENT
CONVERSION
03083-0-037
Figure 37. Slave Parallel Data Timing for Reading (Read after Convert)
CS = 0
CNVST,
RD
t1
PREVIOUS
CONVERSION
DATA
BUS
t12
t13
BUSY
t4
t3
03083-0-038
Figure 38. Slave Parallel Data Timing for Reading (Read during Convert)
CS
RD
A0, A1
PINS D[15:8]
PINS D[7:0]
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
LOW BYTE
HIGH BYTE
HI-Z
HI-Z
t12
t12
t13
03083-0-039
Figure 39. 8-Bit and 16-Bit Parallel Interface
SERIAL INTERFACE
The AD7674 is configured to use the serial interface when
MODE0 and MODE1 are held high. The AD7674 outputs 18
bits of data, MSB first, on the SDOUT pin. This data is
synchronized with the 18 clock pulses provided on the SCLK
pin. The output data is valid on both the rising and falling edge
of the data clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com