Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW50F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW50F
Description  HF/VHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW50F Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW50F Datasheet HTML 1Page - NXP Semiconductors BLW50F Datasheet HTML 2Page - NXP Semiconductors BLW50F Datasheet HTML 3Page - NXP Semiconductors BLW50F Datasheet HTML 4Page - NXP Semiconductors BLW50F Datasheet HTML 5Page - NXP Semiconductors BLW50F Datasheet HTML 6Page - NXP Semiconductors BLW50F Datasheet HTML 7Page - NXP Semiconductors BLW50F Datasheet HTML 8Page - NXP Semiconductors BLW50F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
August 1986
2
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW50F
DESCRIPTION
N-P-N silicon planar epitaxial
transistor primarily intended for use in
class-A, AB and B operated, industrial
and military transmitters in the h.f.
and v.h.f. band. Resistance
stabilization provides protection
against device damage at severe load
mismatch conditions. Matched
hFE groups are available on request.
It has a 3/8" flange envelope with a
ceramic cap. All leads are isolated
from the flange.
QUICK REFERENCE DATA
R.F. performance
Note
1. At 65W P.E.P.
MODE OF OPERATION
VCE
V
f
MHz
PL
W
Gp
dB
ηdt
%
IC
A
IC(ZS)
mA
d3
dB
Th
°C
s.s.b. (class-A)
45
1,6 - 28
0 - 16 (P.E.P.)
>
19,5
−
1,2
−<
−40
70
s.s.b. (class-AB)
50
1,6 - 28
10 - 65 (P.E.P.) typ. 18
typ. 45(1) 1,45
50
typ.
−30
25
PIN CONFIGURATION
handbook, halfpage
e
c
b
MBB012
Fig.1 Simplified outline and symbol.
halfpage
1
23
4
MSB057
PINNING - SOT123
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com