Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE206 Datasheet(PDF) 13 Page - Analog Devices

Part # ADATE206
Description  500 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE206 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADATE206 Datasheet HTML 8Page - Analog Devices ADATE206 Datasheet HTML 9Page - Analog Devices ADATE206 Datasheet HTML 10Page - Analog Devices ADATE206 Datasheet HTML 11Page - Analog Devices ADATE206 Datasheet HTML 12Page - Analog Devices ADATE206 Datasheet HTML 13Page - Analog Devices ADATE206 Datasheet HTML 14Page - Analog Devices ADATE206 Datasheet HTML 15Page - Analog Devices ADATE206 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADATE206
Rev. 0 | Page 13 of 16
1.0004
1.0003
1.0002
1.0001
1.0000
0.9999
0.9998
0.9997
0.9996
0.9995
60
70
90
100
80
110
TEMPERATURE (°C)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–2
–1
0
1
3
5
46
27
COMMON-MODE VOLTAGE (V)
Figure 9. Driver Gain vs. Temperature
Figure 12. Comparator Offset vs. Common-Mode Voltage
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
60
70
90
100
80
110
TEMPERATURE (°C)
1050
1100
950
1000
900
850
750
800
700
650
600
550
450
500
350
400
300
250
150
200
100
50
–50
0
–100
500ps/DIV
VIN = 0V TO 1V
<50ps
20% TO 80% RISE TIME
DRIVER IN VTERM = 0V
Figure 13. Comparator Schmoo at 1 ns Rise and Fall Time
Figure 10. Driver Offset vs. Temperature
240
220
200
180
160
140
120
100
80
60
40
20
0
2
4
6
8
10
12
14
16
18
20
tBASE (2ns/DIV)
1050
1100
950
1000
900
850
750
800
700
650
600
550
450
500
350
400
300
250
150
200
100
50
–50
0
–100
500ps/DIV
VIN = 0V TO 1V
<50ps
20% TO 80% RISE TIME
DRIVER IN VTERM = 0V
Figure 11. Comparator Differential Output Response
Figure 14. Comparator Schmoo at 600 ps Rise and Fall Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com