Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC172 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC172
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC172 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC172 Datasheet HTML 1Page - Continental Device India Limited BC172 Datasheet HTML 2Page - Continental Device India Limited BC172 Datasheet HTML 3Page - Continental Device India Limited BC172 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
BC171 , A, B
BC172, A, B, C
BC174, A, B
TO-92
Plastic Package
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
DC Current Gain
hFE
VCE=5V,IC=10µA
BC171A, 2A, 4A
90
BC171B, 2B, 4B
150
BC172C
270
VCE=5V,IC=2mA
BC174
120
450
BC171
120
800
BC172
120
800
BC171A, 2A, 4A
120
220
BC171B, 2B, 4B
180
460
BC172C
380
800
VCE=5V,IC=100mA
BC171A, 2A, 4A
120
BC171B, 2B, 4B
180
BC172C
300
Base Emitter Saturation Voltage
VBE(sat) IC=10mA,IB=0.5mA
0.7
V
Collector Emitter Saturation
VCE (sat ) IC=10mA,IB=0.5mA
0.25
V
Voltage
IC=100mA,IB=5mA
0.60
V
Base Emitter on Voltage
VBE (on) IC=2mA, VCE = 5V
0.55
0.70
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=5V
BC171
f=100MHz
150
MHz
BC172
150
BC174
150
Output Capacitance
Cob
IE=0, VCB=10V
4.50
pF
f=1MHz
Input Capacitance
Cib
Ic=0, VEB=0.5V
10
pF
f=1MHz
Small Signal Current Gain
| hfe |
VCE =5V,IC=2mA
BC171, 2, 4
f=1KHZ
125
900
BC171A, 2A, 4A,
125
260
BC171B, 2B, 4B
240
500
BC172C
450
900
Noise Figure
NF
VCE =5V,IC=0.2mA
10
dB
BC171
RS=2KΩ,f=1KHZ, f=200Hz
10
BC172
10
BC174
VALUE
UNIT
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com