Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC172C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC172C
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC172C Datasheet(HTML) 1 Page - Continental Device India Limited

  BC172C Datasheet HTML 1Page - Continental Device India Limited BC172C Datasheet HTML 2Page - Continental Device India Limited BC172C Datasheet HTML 3Page - Continental Device India Limited BC172C Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR TRANSISTORS
BC171 , A, B
BC172, A, B, C
BC174, A, B
TO-92
Plastic Package
Amplifier Transistors
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BC174 BC171
BC172
UNIT
Collector Emitter Voltage
VCEO
65
45
25
V
Collector Base Voltage
VCBO
80
50
30
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Total Device Dissipation @ Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ºC
Total Device Dissipation @ Tc=25ºC
PD
W
Derate Above 25ºC
mW/ºC
Operating And Storage Junction
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
ºC/W
Junction to case
Rth(j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
Collector Emitter Breakdown
BVCEO
IC=2mA,IB=0
Voltage
BC174
65
V
BC171
45
V
BC172
25
V
Emitter Base Breakdown
BVEBO
IE=100µA, IC=0
Voltage
ALL
6
V
Collector Cut off Current
ICES
BC174
VCE=70V, VBE = 0
15
n
Α
BC171
VCE=50V, VBE = 0
15
n
Α
BC172
VCE=35V, VBE = 0
15
n
Α
VCE=30V, VBE = 0,
4
µA
Ta= 125ºC
Tj, Tstg
357
125
1.0
8.0
ºC
-55 to +150
6
100
350
2.8
VALUE
UNIT
IS/ISO 9002
Lic# QSC/L- 000019.2
C B
E
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - BC172C

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BC172C NJSEMI-BC172C Datasheet
132Kb / 3P
Amplifier Transistors
More results

Similar Description - BC172C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
2N930 CDIL-2N930 Datasheet
252Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com