Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR235-40CT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYR235-40CT
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR235-40CT Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYR235-40CT Datasheet HTML 1Page - NXP Semiconductors PBYR235-40CT Datasheet HTML 2Page - NXP Semiconductors PBYR235-40CT Datasheet HTML 3Page - NXP Semiconductors PBYR235-40CT Datasheet HTML 4Page - NXP Semiconductors PBYR235-40CT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR245CT series
Schottky barrier
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
• Fast switching
V
R = 40 V/ 45 V
• Reverse surge capability
• High thermal cycling performance
I
O(AV) = 2 A
• low profile surface mounting
package
V
F ≤ 0.45V
GENERAL DESCRIPTION
PINNING
SOT223
Dual, common cathode schottky
PIN
DESCRIPTION
rectifier
diodes
in
a
plastic
envelope. Intended for use as
1
anode 1
output rectifiers in low voltage, high
frequency switched mode power
2
cathode
supplies.
3
anode 2
The PBYR245CT series is supplied
in the surface mounting SOT223
tab
cathode
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PBYR2
40CT
45CT
V
RRM
Peak repetitive reverse
-
40
45
V
voltage
V
RWM
Working peak reverse
-
40
45
V
voltage
V
R
Continuous reverse voltage
T
sp ≤ 74 ˚C
-
40
45
V
I
O(AV)
Average rectified output
square wave;
δ = 0.5; T
sp ≤ 119 ˚C
-
2
A
current (both diodes
conducting)
I
FRM
Repetitive peak forward
square wave;
δ = 0.5; T
sp ≤ 119 ˚C
-
2
A
current per diode
I
FSM
Non-repetitive peak forward
t = 10 ms
-
6
A
current per diode
t = 8.3 ms
-
6.6
A
sinusoidal; T
j = 125 ˚C prior to
surge; with reapplied V
RRM(max)
I
RRM
Peak repetitive reverse
pulse width and repetition rate
-
1
A
surge current per diode
limited by T
j max
T
j
Operating junction
-
150
˚C
temperature
T
stg
Storage temperature
- 40
150
˚C
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-a
Thermal resistance junction
pcb mounted, minimum footprint
-
156
-
K/W
to ambient
pcb mounted, pad area as in fig:1
-
70
-
K/W
k
a1
a2
13
2
4
1
23
July 1998
1
Rev 1.400


Similar Part No. - PBYR235-40CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYR20100 PHILIPS-PBYR20100 Datasheet
46Kb / 6P
Rectifier diodes Schottky barrier
November 1998 Rev 1.300
PBYR20100CT PHILIPS-PBYR20100CT Datasheet
46Kb / 6P
Rectifier diodes Schottky barrier
November 1998 Rev 1.300
PBYR20100CTB PHILIPS-PBYR20100CTB Datasheet
46Kb / 6P
Rectifier diodes Schottky barrier
November 1998 Rev 1.300
PBYR2040CT PHILIPS-PBYR2040CT Datasheet
42Kb / 6P
Rectifier diodes Schottky barrier
October 1998 Rev 1.400
PBYR2040CTB PHILIPS-PBYR2040CTB Datasheet
42Kb / 6P
Rectifier diodes Schottky barrier
October 1998 Rev 1.400
More results

Similar Description - PBYR235-40CT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com