Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND52 Datasheet(PDF) 1 Page - ams AG

Part # AND52
Description  5-input AND gate with 2x drive strength.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AND52 Datasheet(HTML) 1 Page - ams AG

  AND52 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AND52 is a 5-input AND gate with 2x drive strength.
Truth Table
C
A
B
D
E
Q
Capacitance
A
B
C
D
E
Q
Ci (pF)
L
XXXX
L
A
0.054
X
L
X
X
X
L
B
0.053
X
X
L
X
X
L
C
0.059
X
X
X
L
X
L
D
0.057
XXXX
L
L
E
0.058
HHHHH
H
Area
Power
0.95 mils
2
4.05 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay A to Q
tpdar
0.55
1.91
2.64
0.60
1.96
2.65
tpdaf
0.61
1.73
2.28
0.98
2.10
2.64
Delay B to Q
tpdbr
0.60
2.02
2.65
0.64
2.01
2.71
tpdbf
0.70
1.84
2.37
1.07
2.18
2.72
Delay C to Q
tpdcr
0.65
2.05
2.69
0.65
2.00
2.69
tpdcf
0.79
1.93
2.50
1.17
2.30
2.83
Delay D to Q
tpddr
0.68
2.01
2.71
0.62
1.98
2.67
tpddf
0.89
2.03
2.61
1.24
2.41
2.93
Delay E to Q
tpder
0.68
2.07
2.74
0.59
1.94
2.63
tpdef
0.97
2.08
2.64
1.33
2.49
3.02
Output Slope A to Q
op_slar
0.98
5.22
7.31
0.93
5.18
7.47
op_slaf
0.71
3.62
5.26
0.71
3.68
5.25
Output Slope B to Q
op_slbr
1.00
5.30
7.46
0.93
5.27
7.31
op_slbf
0.75
3.55
5.06
0.75
3.53
5.05
Output Slope C to Q
op_slcr
0.97
5.21
7.30
0.96
5.23
7.45
op_slcf
0.78
3.57
5.11
0.78
3.61
5.01
Output Slope D to Q
op_sldr
0.98
5.18
7.30
0.97
5.22
7.46
op_sldf
0.81
3.63
5.12
0.81
3.63
5.07
Output Slope E to Q
op_sler
0.98
5.27
7.37
0.96
5.22
7.43
op_slef
0.85
3.80
5.06
0.82
3.72
5.05
Sept. 1996
- 34 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
AND52
AND52


Similar Part No. - AND52

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND520HB PURDY-AND520HB Datasheet
56Kb / 2P
Ultra Bright LED Lamps
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND520HW PURDY-AND520HW Datasheet
153Kb / 2P
Ultra Bright LED Lamps
More results

Similar Description - AND52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
logo
ams AG
NA53 AMSCO-NA53 Datasheet
9Kb / 1P
NA53 is a 5-input NAND gate with 3x drive strength
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com