Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730ASLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF730ASLPBF
Description  HEXFET Power MOSFET (SMPS MOSFET)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF730ASLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF730ASLPBF Datasheet HTML 1Page - International Rectifier IRF730ASLPBF Datasheet HTML 2Page - International Rectifier IRF730ASLPBF Datasheet HTML 3Page - International Rectifier IRF730ASLPBF Datasheet HTML 4Page - International Rectifier IRF730ASLPBF Datasheet HTML 5Page - International Rectifier IRF730ASLPBF Datasheet HTML 6Page - International Rectifier IRF730ASLPBF Datasheet HTML 7Page - International Rectifier IRF730ASLPBF Datasheet HTML 8Page - International Rectifier IRF730ASLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3/16/04
www.irf.com
1
IRF730AS/LPbF
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptable Power Supply
l High speed power switching
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
VDSS
Rds(on) max
ID
400V
1.0
Ω
5.5A
Typical SMPS Topologies:
l Single Transistor Flyback Xfmr. Reset
l Single Transistor Forward Xfmr. Reset
(Both US Line input only).
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
†
5.5
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
†
3.5
A
IDM
Pulsed Drain Current
†
22
PD @TC = 25°C
Power Dissipation
74
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
4.6
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
l Effective Coss Specified (See AN1001)
PD-95114
Notes  through † are on page 10
2
D Pak
TO-262


Similar Part No. - IRF730ASLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730ASL IRF-IRF730ASL Datasheet
162Kb / 10P
SMPS MOSFET
More results

Similar Description - IRF730ASLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRF7450 IRF-IRF7450_04 Datasheet
176Kb / 8P
SMPS MOSFET HEXFET Power MOSFET
IRFS33N15DPBF IRF-IRFS33N15DPBF Datasheet
284Kb / 12P
SMPS MOSFET HEXFET Power MOSFET
IRFIB7N50LPBF IRF-IRFIB7N50LPBF Datasheet
204Kb / 9P
SMPS MOSFET, HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com