Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4899-1YCPZ-R7
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4899-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4899-1
Rev. A | Page 11 of 20
200
–200
–150
–100
–50
0
50
100
150
0
500
400
300
200
100
VOLTAGE OFFSET (µV)
N: 4651
MEAN: –4.92µV
SD: 29.22µV
VS = 5V
1000
100
10
1
0.1
0.01
0.001
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
–PSR
+PSR
Figure 38. Input Offset Voltage Distribution (VS = 5 V)
Figure 35. Power Supply Rejection
200
–200
–150
–100
–50
0
50
100
150
0
500
400
300
200
100
VOLTAGE OFFSET (µV)
N: 4655
MEAN: –34.62µV
SD: 28.94µV
VS = ±5V
1000
0.1
1
10
100
–70
–64
–58
–52
–46
–40
–34
–28
–22
VS = ±5V
DISABLE = –5V
FREQUENCY (MHz)
Figure 39. Input Offset Voltage Distribution(VS = ±5 V)
Figure 36. Off Isolation vs. Frequency
0.9
–0.9
–0.6
–0.3
0
0.3
0.6
0
700
600
500
400
300
200
100
INPUT BIAS CURRENT (µA)
N: 4653
MEAN: –0.083µA
SD: 0.13µA
VS = ±5V
Figure 37. Input Bias Current Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com