Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3012 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3012
Description  Ultrafast recovery - 1200 V diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3012 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3012 Datasheet HTML 1Page - STMicroelectronics STTH3012 Datasheet HTML 2Page - STMicroelectronics STTH3012 Datasheet HTML 3Page - STMicroelectronics STTH3012 Datasheet HTML 4Page - STMicroelectronics STTH3012 Datasheet HTML 5Page - STMicroelectronics STTH3012 Datasheet HTML 6Page - STMicroelectronics STTH3012 Datasheet HTML 7Page - STMicroelectronics STTH3012 Datasheet HTML 8Page - STMicroelectronics STTH3012 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2006
Rev 1
1/9
9
STTH3012
Ultrafast recovery - 1200 V diode
Main product characteristics
Features and benefits
■ Ultrafast, soft recovery
■ Very low conduction and switching losses
■ High frequency and/or high pulsed current
operation
■ High reverse voltage capability
■ High junction temperature
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability.
Such demanding applications include industrial
power supplies, motor control, and similar
mission-critical systems that require rectification
and freewheeling. These diodes also fit into
auxiliary functions such as snubber, bootstrap,
and demagnetization applications.
The improved performance in low leakage
current, and therefore thermal runaway guard
band, is an immediate competitive advantage for
this device.
Order codes
IF(AV)
30 A
VRRM
1200 V
Tj
175° C
VF (typ)
1.30 V
trr (typ)
57 ns
Part Number
Marking
STTH3012D
STTH3012D
STTH3012W
STTH3012W
K
A
DO-247
STTH3012W
K
A
A
K
TO-220AC
STTH3012D
www.st.com


Similar Part No. - STTH3012

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH3012D ISC-STTH3012D Datasheet
330Kb / 2P
Ultrafast Rectifier
logo
Thinki Semiconductor Co...
STTH3012W THINKISEMI-STTH3012W Datasheet
1Mb / 3P
30 Ampere,1200Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
STTH3012W ISC-STTH3012W Datasheet
270Kb / 2P
Ultrafast High Voltage Diode
More results

Similar Description - STTH3012

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML50EUZ12B SEME-LAB-SML50EUZ12B Datasheet
47Kb / 2P
Enhanced Ultrafast Recovery Diode 1200 Volt, 50 Amp
logo
STMicroelectronics
STTH812 STMICROELECTRONICS-STTH812 Datasheet
192Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH312 STMICROELECTRONICS-STTH312 Datasheet
148Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH512 STMICROELECTRONICS-STTH512 Datasheet
125Kb / 10P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6012 STMICROELECTRONICS-STTH6012 Datasheet
111Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH9012TV STMICROELECTRONICS-STTH9012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH12012TV STMICROELECTRONICS-STTH12012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1212 STMICROELECTRONICS-STTH1212 Datasheet
129Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1512 STMICROELECTRONICS-STTH1512 Datasheet
148Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6112TV STMICROELECTRONICS-STTH6112TV Datasheet
151Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com