Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP361
Description  Single Comparator with 400mV Reference and Dual Polarity Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP361 Datasheet HTML 1Page - Analog Devices ADCMP361 Datasheet HTML 2Page - Analog Devices ADCMP361 Datasheet HTML 3Page - Analog Devices ADCMP361 Datasheet HTML 4Page - Analog Devices ADCMP361 Datasheet HTML 5Page - Analog Devices ADCMP361 Datasheet HTML 6Page - Analog Devices ADCMP361 Datasheet HTML 7Page - Analog Devices ADCMP361 Datasheet HTML 8Page - Analog Devices ADCMP361 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary Technical Data
ADCMP361
Rev. PrB | Page 3 of 13
SPECIFICATIONS
Table 1.
VCC = 1.7V to 5.5V, -40°C ≤ TA ≤ 125°C , unless otherwise noted.
Note1:
RL=100K, VO=2V Swing
Note2:
10mV input overdrive
Note3:
Vin = 40mV overdrive
Note4:
RL=10K
Note5:
No load
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Reference Voltage
396.8
400
403.2
mV
Vs = 1.7V, Note1
396.8
400
403.2
mV
Vs = 5V, Note1
Reference Voltage Accuracy
±0.8
±1.0
%
Vs = 1.7V, Note1
±0.8
±1.0
%
Vs = 5V, Note1
Input Bias Current
0.01
10
nA
Vs = 1.7V, Vin = Vs
4
10
nA
Vs = 1.7V, Vin = 0.1V
Output Low Voltage
60
200
mV
Vs = 1.7V, Iout = 3mA, Note2
70
200
mV
Vs = 5V, Iout = 5mA, Note2
Output Leakage Current
0.01
1
µA
Vs=1.7V, Vout = Vs, Note3
0.01
1
µA
Vs=1.7V, Vout = 5.5V, Note3
High-to-Low Propagation Delay
29
µs
Vs = 5V, Vol = 400mV, Note2,4
Low-to-High Propagation Delay
18
µs
Vs = 5V, Voh = 0.9 X Vs, Note2,4
Output Rise time
2.2
µs
Vs = 5V, Vo = (0.1 to 0.9) X Vs,
Note2,4
Output Fall time
0.22
µs
Vs = 5V, Vo = (0.1 to 0.9) X Vs,
Note2,4
Supply Current
6.5
10
µA
Vs = 1.7V
6.5
10
µA
Vs = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com