Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361ARJ Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP361ARJ
Description  Single Comparator with 400mV Reference and Dual Polarity Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361ARJ Datasheet(HTML) 1 Page - Analog Devices

  ADCMP361ARJ Datasheet HTML 1Page - Analog Devices ADCMP361ARJ Datasheet HTML 2Page - Analog Devices ADCMP361ARJ Datasheet HTML 3Page - Analog Devices ADCMP361ARJ Datasheet HTML 4Page - Analog Devices ADCMP361ARJ Datasheet HTML 5Page - Analog Devices ADCMP361ARJ Datasheet HTML 6Page - Analog Devices ADCMP361ARJ Datasheet HTML 7Page - Analog Devices ADCMP361ARJ Datasheet HTML 8Page - Analog Devices ADCMP361ARJ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Single Comparator with 400mV Reference
and Dual Polarity Outputs
Preliminary Technical Data
ADCMP361
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low Quiescent Current: 6.5
µA Typ
Supply Range: 1.7V to 5.5V
400mV Reference ±0.8% Accuracy Over Temperature
Input Range Includes Ground
Internal Hysteresis: 6.5mV Typ
Low Input Bias Current: ±10nA Max
40mA Typical Output Sink Current
Supports Wired-AND Connections
Both inverting and noninverting outputs
Small SOT-23 Package
APPLICATIONS
Battery-Powered System Monitoring
Threshold Detectors
Relay Driving
Optoisolator Driving
Industrial Control Systems
Handheld Instruments
GENERAL DESCRIPTION
The ADCMP361 is a single low power, low voltage comparator
with a 400mV reference in the 5-lead SOT-23 package.
Operating within a supply range of 1.7V to 5.5V, the device
only draw 6.5µA typical, making it ideal for low voltage system
monitoring and portable applications. Hysteresis is included in
the comparators to insure stable output operation. The
comparator has only one input available externally, the other
input is connected internally to the reference. The comparator
has both an inverting and a noninverting output. The output
stage sinking capability guaranteed greater than 5mA over
temperature.
Available in commercial, industrial and automotive
temperature ranges.
FUNCTIONAL BLOCK DIAGRAM
IN
VCC
OUT
ADCMP361
400mV
GND
OUT
Figure 1.


Similar Part No. - ADCMP361ARJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
ADCMP361YRJZ-REEL7 AD-ADCMP361YRJZ-REEL7 Datasheet
294Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
More results

Similar Description - ADCMP361ARJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361 AD-ADCMP361_07 Datasheet
293Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
2/07-Revision 0
logo
Linear Technology
LT6700-1 LINER-LT6700-1_09 Datasheet
209Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Analog Devices
ADCMP361YRJZ AD-ADCMP361YRJZ Datasheet
294Kb / 12P
Single 0.275% Comparator and Reference with Dual Polarity Outputs
REV. 0
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Analog Devices
ADCMP361 AD-ADCMP361_15 Datasheet
296Kb / 12P
Comparator and Reference with Dual Polarity Outputs
REV. B
logo
Linear Technology
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com