Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3107D2 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3107D2
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3107D2 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA3107D2 Datasheet HTML 17Page - Texas Instruments TPA3107D2 Datasheet HTML 18Page - Texas Instruments TPA3107D2 Datasheet HTML 19Page - Texas Instruments TPA3107D2 Datasheet HTML 20Page - Texas Instruments TPA3107D2 Datasheet HTML 21Page - Texas Instruments TPA3107D2 Datasheet HTML 22Page - Texas Instruments TPA3107D2 Datasheet HTML 23Page - Texas Instruments TPA3107D2 Datasheet HTML 24Page - Texas Instruments TPA3107D2 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
MSTR/SLV and SYNC operation
USING LOW-ESR CAPACITORS
SHORT-CIRCUIT PROTECTION AND AUTOMATIC RECOVERY FEATURE
THERMAL PROTECTION
TPA3107D2
SLOS509A – OCTOBER 2006 – REVISED NOVEMBER 2006
The MSTR/SLV and SYNC terminals can be used to synchronize the frequency of the class-D output switching.
When the MSTR/SLV terminal is high, the output switching frequency is determined by the selection of the
resistor connected to the ROSC terminal (see ROSC Resistor Selection). The SYNC terminal becomes an
output in this mode, and the frequency of this output is also determined by the selection of the ROSC resistor.
This TTL compatible, push-pull output can be connected to another TPA3107D2, configured in the slave mode.
The output switching is synchronized to avoid any beat frequencies that could occur in the audio band when two
class-D amplifiers in the same system are switching at slightly different frequencies.
When the MSTR/SLV terminal is low, the output switching frequency is determined by the incoming square wave
on the SYNC input. The SYNC terminal becomes an input in this mode and accepts a TTL compatible square
wave from another TPA3107D2 configured in the master mode or from an external GPIO. If connecting to an
external GPIO, recommended frequencies are 200 kHz to 300 kHz for proper device operation, and the
maximum amplitude is 4 V.
Low-ESR capacitors are recommended throughout this application section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance, the more the real capacitor behaves like an ideal capacitor.
The TPA3107D2 has short-circuit protection circuitry on the outputs that prevents damage to the device during
output-to-output shorts, output-to-GND shorts, and output-to-VCC shorts. When a short circuit is detected on the
outputs, the part immediately disables the output drive. This is a latched fault and must be reset by cycling the
voltage on the SHUTDOWN pin or MUTE pin. This clears the short-circuit flag and allows for normal operation if
the short was removed. If the short was not removed, the protection circuitry again activates.
The FAULT terminal can be used for automatic recovery from a short-circuit event, or used to monitor the status
with an external GPIO. For automatic recovery from a short-circuit event, connect the FAULT terminal directly to
the MUTE terminal. When a short-circuit event occurs, the FAULT terminal transitions high indicating a
short-circuit has been detected. When directly connected to MUTE, the MUTE terminal transitions high, and
clears the internal fault flag. This causes the FAULT terminal to cycle low, and normal device operation resumes
if the short-circuit is removed from the output. If a short remains at the output, the cycle continues until the short
is removed. If external MUTE control is desired, and automatic recovery from a short-circuit event is also
desired, an OR gate can be used to combine the functionality of the FAULT output and external MUTE control,
see Figure 27.
Thermal protection on the TPA3107D2 prevents damage to the device when the internal die temperature
exceeds 150
°C. There is a ±15°C tolerance on this trip point from device to device. Once the die temperature
exceeds the thermal set point, the device enters into the shutdown state and the outputs are disabled. This is
not a latched fault. The thermal fault is cleared once the temperature of the die is reduced by 30
°C. The device
begins normal operation at this point with no external system interaction.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com