Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP603 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP603
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP603 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP603 Datasheet HTML 4Page - Analog Devices ADCMP603 Datasheet HTML 5Page - Analog Devices ADCMP603 Datasheet HTML 6Page - Analog Devices ADCMP603 Datasheet HTML 7Page - Analog Devices ADCMP603 Datasheet HTML 8Page - Analog Devices ADCMP603 Datasheet HTML 9Page - Analog Devices ADCMP603 Datasheet HTML 10Page - Analog Devices ADCMP603 Datasheet HTML 11Page - Analog Devices ADCMP603 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADCMP603
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VCCI = VCCO = 2.5 V, T = 25°C, unless otherwise noted.
A
4
1
2
3
0
–1
–2
–5
0
5
10
15
20
LOAD CURRENT (mA)
OUTPUT VOLTAGE
–800
–1
01
23
4
56
7
–600
–400
–200
0
200
400
600
800
LE/HYSTERESIS PIN VOLTAGE (V)
VCC = 5.5V
VCC = 2.5V
Figure 4. LE/HYS Pin I/V Curve
Figure 7. V vs. Load Current
OL
50
150
250
350
450
550
650
HYSTERESIS RESISTOR (kΩ)
1
10
100
1000
VCC = 5.5V
VCC = 2.5V
SHUTDOWN PIN VOLTAGE (V)
–1
7
6
5
4
3
2
1
0
–150
150
–100
100
–50
50
0
200
VCC = 2.5V
VCC = 5.5V
Figure 5. S
Pin I/V Curve
Figure 8. Hysteresis vs. R
DN
HYS
COMMON-MODE VOLTAGE (V)
–20
–15
15
–10
10
–5
5
0
20
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IB @ +125°C
IB @ +25°C
VCC = 2.5V
IB @ –40°C
0 –2
–4
–6
–8
–10
–12
–14
–16
–18
HYSTERESIS PIN CURRENT (µA)
0
50
100
150
200
250
300
350
HYSTERESIS @ +125°C
HYSTERESIS @ +25°C
HYSTERESIS @ –40°C
Figure 9. Hysteresis vs. Hysteresis Pin Current
Figure 6. Input Bias Current vs. Input Common Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com