Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP602BRMZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP602BRMZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP602BRMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP602BRMZ Datasheet HTML 8Page - Analog Devices ADCMP602BRMZ Datasheet HTML 9Page - Analog Devices ADCMP602BRMZ Datasheet HTML 10Page - Analog Devices ADCMP602BRMZ Datasheet HTML 11Page - Analog Devices ADCMP602BRMZ Datasheet HTML 12Page - Analog Devices ADCMP602BRMZ Datasheet HTML 13Page - Analog Devices ADCMP602BRMZ Datasheet HTML 14Page - Analog Devices ADCMP602BRMZ Datasheet HTML 15Page - Analog Devices ADCMP602BRMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 12 of 16
0
50
150
250
450
350
550
650
50
100
150
200
250
HYSTERESIS RESISTOR (kΩ)
VCC = 5.5V
VCC = 2.5V
Leaving the LE/HYS pin disconnected results in a fixed
hysteresis of 2 mV; driving this pin high removes hysteresis. The
maximum hysteresis that can be applied using this pin is
approximately 160 mV. Figure 21 illustrates the amount of
hysteresis applied as a function of the external resistor value,
and Figure 11 illustrates hysteresis as a function of the current.
The hysteresis control pin appears as a 1.25 V bias voltage seen
through a series resistance of 7 kΩ ± 20% throughout the hysteresis
control range. The advantages of applying hysteresis in this manner
are improved accuracy, improved stability, reduced component
count, and maximum versatility. An external bypass capacitor is
not recommended on the HYS pin because it impairs the latch
function and often degrades the jitter performance of the device.
As described in the Using/Disabling the Latch Feature section,
hysteresis control need not compromise the latch function.
Figure 21. Hysteresis vs. RHYS Control Resistor
MINIMUM INPUT SLEW RATE REQUIREMENT
CROSSOVER BIAS POINT
With the rated load capacitance and normal good PC Board
design practice, as discussed in the Optimizing Performance
section, these comparators should be stable at any input slew
rate with no hysteresis. Broadband noise from the input stage is
observed in place of the violent chattering seen with most other
high speed comparators. With additional capacitive loading or
poor bypassing, oscillation is observed. This oscillation is due to
the high gain bandwidth of the comparator in combination with
feedback parasitics in the package and PC board. In many
applications, chattering is not harmful.
In both op amps and comparators, rail-to-rail inputs of this type
have a dual front-end design. Certain devices are active near the
VCC rail and others are active near the VEE rail. At some predeter-
mined point in the common-mode range, a crossover occurs. At
this point, normally VCC/2, the direction of the bias current reverses
and the measured offset voltages and currents change.
The ADCMP600/ADCMP601/ADCMP602 comparators
slightly elaborate on this scheme. Crossover points can be found
at approximately 0.8 V and 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com