Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTF16-RL Datasheet(PDF) 60 Page - Analog Devices

Part # ADE7169ASTF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTF16-RL Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE7169ASTF16-RL Datasheet HTML 56Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 57Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 58Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 59Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 60Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 61Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 62Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 63Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 140 page
background image
ADE7169F16
Preliminary Technical Data
Rev. PrD | Page 60 of 140
REACTIVE ENERGY
NO-LOAD
THRESHOLD
REACTIVE POWER
NO-LOAD
THRESHOLD
Figure 47. Reactive Energy Accumulation in Absolute Accumulation Mode
Reactive energy Pulse output
ADE7169F16 also provides all the circuitry to have a pulse
output those frequency is proportional to reactive power – see
Energy-to-Frequency Conversion section. This pulse frequency
output uses the calibrated signal after VARGAIN and its
behavior is consistent with the setting of the reactive energy
accumulation mode in the ACCMODE register (0x0F). The
pulse output is active low and should be preferably connected to
an LED as shown on Figure 53.
Line cycle reactive energy accumulation mode
In line cycle energy accumulation mode, the energy accumula-
tion of the ADE7169F16 can be synchronized to the voltage
channel zero crossing so that reactive energy can be
accumulated over an integral number of half line cycles. The
advantage of this mode is similar to the ones explained in the
Active energy Line cycle accumulation mode – see Line cycle
active energy accumulation mode section. In line cycle energy
accumulation mode, the ADE7169F16 accumulates the reactive
power signal in the LVARHR register for an integral number of
line cycles, as shown in Figure 48. The number of half line
cycles is specified in the LINCYC register. The ADE7169F16
can accumulate active power for up to 65,535 half line cycles.
Because the reactive power is integrated on an integral number
of line cycles, at the end of a line cycle energy accumulation
cycle the CYCEND flag in the Interrupt Status Register 3 SFR
(MIRQSTH, 0xDE). If the CYCEND enable bit in the Interrupt
Enable Register 3 SFR (MIRQENH, 0xDB) is set, the 8052 core
has a pending ADE interrupt. The ADE interrupt stays active
until the CYCEND status bit is cleared—see Energy
measurement interrupts section. Another calibration cycle will
start as soon as the CYCEND flag is set. If the LVARHR register
is not read before a new CYCEND flag is set, the LVARHR
register will be overwritten by a new value.
As for LWATTHR, when a new half line cycles is written in
LINCYC register, the LVARHR register is reset and a new
accumulation start at the next zero-crossing. The number of
half line cycles is then counted until LINCY is reached. This
implementation provides a valid measurement at the first
CYCEND interrupt after writing to the LINCYC register. The
line reactive energy accumulation uses the same signal path as
the reactive energy accumulation. The LSB size of these two
registers is equivalent.
VARDIV[7:0]
VAROS[15:0]
VARGAIN[11:0]
LPF1
+
+
LVARHR [23:0]
ACCUMULATE REACTIVE
ENERGY IN INTERNAL
REGISTER AND UPDATE
THE LVARHR REGISTER
AT THE END OF LINCYC
HALF LINE CYCLES
OUTPUT
FROM
LPF2
FROM VOLTAGE
CHANNEL
ADC
23
0
LINCYC [15:0]
48
0
%
ZERO CROSS
DETECTION
CALIBRATION
CONTROL
TO
DIGITAL TO FREQUENCY
CONVERTER
Figure 48 Line Cycle . Reactive Energy Accumulation Mode
APPARENT POWER CALCULATION
The apparent power is defined as the maximum power that can
be delivered to a load. Vrms and Irms are the effective voltage and
current delivered to the load; the apparent power (AP) is defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com