Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTF16-RL Datasheet(PDF) 102 Page - Analog Devices

Part # ADE7169ASTF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTF16-RL Datasheet(HTML) 102 Page - Analog Devices

Back Button ADE7169ASTF16-RL Datasheet HTML 98Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 99Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 100Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 101Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 102Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 103Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 104Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 105Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
ADE7169F16
Preliminary Technical Data
Rev. PrD | Page 102 of 140
command. For example to write the protection value in
EADRH the two following commands need to be executed:
-
Command ‘I ‘ with Data = Value of protection byte
0x3FFF
-
Command ‘F’ with Data = 0xC7
Following this protocol, the protection can be written to the
Flash using the same sequence as mentioned in the Enabling
Flash Protection by Code paragraph. When the part is reset the
protection will be effective.
Notes on Flash Protection
The flash protection scheme is disabled by default so that none
of the pages of the flash are protected from reading or
writing/erasing.
The last page must be read and write/erase protected for the
protection scheme to work.
To activate the protection settings, the ADE7169F16 must be
reset after configuring the protection.
After configuring protection on the last page and resetting the
part, protections that have been enabled can only be removed
by mass erasing the flash memory. The protection bits are read
and erase protected by enabling read and write/erase protection
the last page, but the protection bits are never truly write
protected. Protection bits can be programmed modified from a
1 to a 0, even after the last page has been protected. In this way,
more protection can be added but none can be removed.
If a page of code is write/erase protected, it cannot be written
over even if an erase all command is issued. The write/erase
protected page will not be updated if new code is downloaded.
If a page is read protected, this part of the code cannot be read
or emulated.
The protection scheme is intended to protect the end system.
Protection should be disabled while developing and emulating
code.
Flash memory timing
Typical program and erase times for the flash memory are as
follows:
Command
Bytes Affected
Flash Memory Timing
WRITE BYTE
1 byte
30us
ERASE PAGE
512 bytes
20ms
ERASEALL
16 kbytes
200ms
READ BYTE
1 bytes
100ns
ERASEPAGE and
WRITE BYTE
512 bytes
21ms
VERIFY BYTE
1 byte
100ns
Note that the core microcontroller operation is idled until the
requested flash memory operation is complete. In practice, this
means that even though the Flash operation is typically initiated
with a two-machine-cycle MOV instruction (to write to the
Flash Control SFR (ECON, 0xB9)), the next instruction is not
executed until the Flash/EE operation is complete. This means
that the core cannot respond to interrupt requests until the
Flash/EE operation is complete, although the core peripheral
functions such as counter/ timers continue to count as
configured throughout this period.
IN CIRCUIT PROGRAMMING
Serial Downloading
The ADE7169F16 facilitates code download via the standard
UART serial port. The parts enter serial download mode after a
reset or a power cycle if the SDEN pin is pulled low through an
external 1 kΩ resistor. Once in serial download mode, the
hidden embedded download kernel executes. This allows the
user to download code to the full 16 kbytes of Flash memory
while the device is in circuit in its target application hardware.
Protection configured in the last page of the ADE7169F16
affects whether flash memory can be accessed in serial
download mode. Read protected pages cannot be read.
Write/erase protected pages cannot be written or erased. The
configuration bits cannot be programmed in serial download
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com