Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTF16-RL Datasheet(PDF) 115 Page - Analog Devices

Part # ADE7169ASTF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTF16-RL Datasheet(HTML) 115 Page - Analog Devices

Back Button ADE7169ASTF16-RL Datasheet HTML 111Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 112Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 113Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 114Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 115Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 116Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 117Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 118Page - Analog Devices ADE7169ASTF16-RL Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 140 page
background image
Preliminary Technical Data
ADE7169F16
Rev. PrD | Page 115 of 140
(TIMECON, 0xA1) to ensure that the RTC is stopped before
writing the counter registers. Then the RTC should be started
again by setting the RTCEN bit. Note that it takes up to two 32
kHz clock periods to update the RTC counter SFRs. This can be
accomplished using the following 8052 assembly code where
the current time is held in R0 through R3.
SetupRTC:
MOV
TIMECON,#040h
; stop the RTC
; wait at least one 32 kHz clock period (30.5us)
MOV
TCON, #03h
; TL0 is an 8-bit timer
MOV
TL0,#00h
; waits 62.5us at 4.096MHz
CLR
TF0
; clear overflow flag
SETB
TR0
; start Timer0
Timeout:
JNZ
TF0, Timeout
MOV
HTHSEC, R0
; using Bank 0
MOV
SEC, R1
MOV
MIN, R2
MOV
HOUR, R3
MOV
TIMECON, #041h ; start the RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com