Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7752BARW Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7752BARW
Description  Polyphase Energy Metering IC with Pulsed Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752BARW Datasheet(HTML) 1 Page - Analog Devices

  ADE7752BARW Datasheet HTML 1Page - Analog Devices ADE7752BARW Datasheet HTML 2Page - Analog Devices ADE7752BARW Datasheet HTML 3Page - Analog Devices ADE7752BARW Datasheet HTML 4Page - Analog Devices ADE7752BARW Datasheet HTML 5Page - Analog Devices ADE7752BARW Datasheet HTML 6Page - Analog Devices ADE7752BARW Datasheet HTML 7Page - Analog Devices ADE7752BARW Datasheet HTML 8Page - Analog Devices ADE7752BARW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Polyphase Energy Metering IC with Pulsed
Output
Preliminary Technical Data
ADE7752B
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy supports 50 Hz/60 Hz IEC62053-21
Less than 0.1% error over a dynamic range of 500 to 1
Compatible with 3-phase 3-wire delta and 3-phase 4-wire Wye
configurations
Supplies average active power on the frequency outputs F1 and F2
High frequency output (CF) is intended for calibration and
supplies instantaneous active power
Logic output REVP indicates a potential miswiring or negative
power on the sum of all phases
Direct drive for electromechanical counters and 2-phase stepper
motors (F1 and F2)
Proprietary ADCs and DSP provide high accuracy over large
variations in environmental conditions and time
On-chip power supply monitoring
On-chip creep protection (no load threshold) based on the sum
of the three phases
On-chip reference 2.4 V ± 8% (25 ppm/°C typical) with external
overdrive capability
Single 5 V supply, low power (TBD mW typical)
Low cost CMOS process
GENERAL DESCRIPTION
The ADE7752B1 is an accurate active energy measurement IC
intended for use in any 3-phase distribution system and has
enhanced features that make it better suited for 3-phase 3-wire
applications compared to the ADE7752/52A.
The no-load threshold and reverse polarity indication are based
on the sum of the three phase energies in the ADE7752B. The
ADE7752B specifications surpass the accuracy requirements as
quoted in the IEC62053-21 standard.
The only analog circuitry used in the ADE7752B is in the
analog-to-digital converters (ADCs) and reference circuit. All
other signal processing (for example, multiplication, filtering,
and summation) is carried out in the digital domain. This
approach provides superior stability and accuracy over
extremes in environmental conditions and over time.
The ADE7752B supplies average active power information on
the low frequency outputs, F1 and F2. These logic outputs can
be used to directly drive an electromechanical counter or to
interface with an MCU. The CF logic output gives
instantaneous active power information. This output is
intended to be used for calibration purposes.
The ADE7752B includes a power supply monitoring circuit on
the VDD pin. The ADE7752B remains inactive until the supply
voltage on VDD reaches 4 V. If the supply falls below 4 V, the
ADE7752B also resets and no pulses are issued on F1, F2, and CF.
Internal phase matching circuitry ensures that the voltage and
current channels are phase matched. An internal no load
threshold ensures the ADE7752B does not exhibit any creep
when there is no load.
The ADE7752B is available in a 24-lead SOIC package.
1 Patent pending.
FUNCTIONAL BLOCK DIAGRAM
7
8
15
10
14
13
5
6
16
9
LPF
HPF
Φ
3
CLKOUT
CLKIN
DGND
CF
S1
F1
F2
S0
SCF
REVP
DIGITAL-TO-FREQUENCY CONVERTER
2.4V REF
REFIN/OUT
AGND
4k
Ω
IBP
IBN
VBP
VN
ICP
ICN
VCP
IAP
IAN
VAP
ADC
ADC
ADC
ADC
VDD
ADE7752B
POWER
SUPPLY
MONITOR
ADC
ADC
PHASE
CORRECTION
PHASE
CORRECTION
PHASE
CORRECTION
11
12
4
18
21
22
23
24
1
20
19
2
17
HPF
Φ
HPF
Φ
LPF
LPF
ABS
Σ
X
X
X
Figure 1.


Similar Part No. - ADE7752BARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752B AD-ADE7752B_15 Datasheet
343Kb / 24P
3-Phase, 3-Wire, and 4-Wire Energy Metering IC with Pulse Output
REV. 0
More results

Similar Description - ADE7752BARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7762 AD-ADE7762 Datasheet
856Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752ARZ AD-ADE7752ARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
logo
Sames
SA4301A SAMES-SA4301A Datasheet
636Kb / 23P
Polyphase Energy Metering IC with Pulse Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com