Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG787 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG787
Description  2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG787 Datasheet HTML 5Page - Analog Devices ADG787 Datasheet HTML 6Page - Analog Devices ADG787 Datasheet HTML 7Page - Analog Devices ADG787 Datasheet HTML 8Page - Analog Devices ADG787 Datasheet HTML 9Page - Analog Devices ADG787 Datasheet HTML 10Page - Analog Devices ADG787 Datasheet HTML 11Page - Analog Devices ADG787 Datasheet HTML 12Page - Analog Devices ADG787 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG787
Rev. A | Page 9 of 16
0
–120
–100
–80
–60
–40
–20
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VDD = 3V/4.2V/5V
TA = 25°C
S1A TO S1B
S1A TO S2A
Figure 17. Crosstalk vs. Frequency
0
–120
–100
–80
–60
–40
–20
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VDD = 3V/4.2V/5V
TA = 25°C
NO SUPPLY DECOUPLING
Figure 18. AC Power Supply Rejection Ratio (PSRR)
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
10
100k
10k
100
1k
FREQUENCY (Hz)
VDD = 3V, VS = 2V p-p
VDD = 5V, VS = 2V p-p
Figure 19. Total Harmonic Distortion + Noise
3.0
2.5
2.0
1.5
1.0
0.5
0
2.7
5.2
4.7
4.2
3.2
3.7
SUPPLY VOLTAGE (V)
INPUT RISE/FALL TIME = 15ns
TA = 25°C
FALL DELAY
RISE DELAY
Figure 20. Rise/Fall Time Delay vs. Supply Voltage
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
85
60
35
–15
10
TEMPERATURE (°C)
INPUT RISE/FALL TIME = 15ns
VDD = 4.2V
RISE DELAY
FALL DELAY
Figure 21. Rise/Fall Time Delay vs. Temperature
2.0
1.5
1.0
0.5
0
2.5
3.0
5.5
5.0
4.5
3.5
4.0
SUPPLY (V)
INPUT RISE/FALL TIME = 15ns
TA = 25°C
Figure 22. Rise-Time-to-Fall-Time Mismatch vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com