Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG792A Datasheet(PDF) 13 Page - Analog Devices

Part # ADG792A
Description  IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG792A Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG792A Datasheet HTML 9Page - Analog Devices ADG792A Datasheet HTML 10Page - Analog Devices ADG792A Datasheet HTML 11Page - Analog Devices ADG792A Datasheet HTML 12Page - Analog Devices ADG792A Datasheet HTML 13Page - Analog Devices ADG792A Datasheet HTML 14Page - Analog Devices ADG792A Datasheet HTML 15Page - Analog Devices ADG792A Datasheet HTML 16Page - Analog Devices ADG792A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADG792A/ADG792G
Rev. 0 | Page 13 of 24
0.40
0
0.1
3.1
fCLK FREQUENCY (MHz)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.6
1.1
1.6
2.1
2.6
TA = 25°C
VDD = 3V
VDD = 5V
Figure 17. IDD vs. fCLK Frequency
1.4
–0.2
06
I2C LOGIC INPUT VOLTAGE (V)
1.2
1.0
0.8
0.6
0.4
0.2
0
12345
TA = 25°C
VDD = 3V
VDD = 5V
Figure 18. IDD vs.I2C Logic Input Voltage (SDA, SCL)
120
95
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
115
110
105
100
tPLH (5V)
tPHL (3V)
tPLH (3V)
tPHL (5V)
Figure 19. I2C to GPO Propagation Delay vs. Temperature
6
0
–20
0
LOAD CURRENT (mA)
5
4
3
2
1
–18
–16
–14
–12
–10
–8
–6
–4
–2
TA = 25°C
VDD = 3V
VDD = 5V
Figure 20. GPO VOH vs. Load Current
2.5
0
03
LOAD CURRENT (mA)
5
2.0
1.5
1.0
0.5
5
10152025
30
TA = 25°C
VDD = 3V
VDD = 5V
Figure 21. GPO VOL vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com