Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1041A Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1041A Datasheet HTML 13Page - Analog Devices ADM1041A Datasheet HTML 14Page - Analog Devices ADM1041A Datasheet HTML 15Page - Analog Devices ADM1041A Datasheet HTML 16Page - Analog Devices ADM1041A Datasheet HTML 17Page - Analog Devices ADM1041A Datasheet HTML 18Page - Analog Devices ADM1041A Datasheet HTML 19Page - Analog Devices ADM1041A Datasheet HTML 20Page - Analog Devices ADM1041A Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
ADM1041A
Rev. 0 | Page 17 of 56
Mnemonic
Description
DC_OK
The DC_OK function advises the system on the status of the power supply. When it is false, the system is
assured of at least 1 ms of operation if ac power is lost for any reason. Other turn-off modes provide more
warning time. This pin is an open-drain output. It can be configured as a P-channel pull-up or an N-channel
pull-down. It may also be configured as positive or negative (inverted) logic.
AC_OK
The AC_OK function advises the system whether or not sufficient bulk voltage is present to allow reliable
operation. The system may choose to shut down if this pin is false. The power supply normally tries to
maintain normal operation as long as possible, although DC_OK goes false when only a millisecond or so of
operation time is left. This pin is an open-drain output. It can be configured as a P-channel pull-up or an N-
channel pull-down. It may also be configured as positive or negative (inverted) logic.
DC_OK on delay
The DC_OK output is kept false for typically 100 ms to 900 ms during power-up.
DC_OK off delay
When the system is to be shut down in response to PSON going low, or in response to an OCP or OTP event, a
signal is first sent to the DC_OK output to go false as a warning that power is about to be lost. PEN is signaled
false typically 2 ms later (configurable).
Debounce Digital Noise
Filter
All of the inputs to the logic core are first debounced or digitally filtered to improve noise immunity. The
debounce period for OV events is in the order of 16 μs, for UV events it is 450 μs, and for PSON it is typically
80 ms (configurable).
ACSENSE1
A voltage from the secondary of the power transformer, which can provide an analog of the bulk supply, is
rectified and lightly filtered and measured by the ac sense function. At start-up, if this voltage is adequate,
this function signals the end-user system that it is okay to start. If a brown-out occurs or ac power is removed,
this function can provide early warning that power is about to be lost and allow the system to shut down in
an orderly manner. While ACSENSE is low, UVB is enabled, which means undervoltage protection is not
initiated. If ac power is so low that the converter cannot continue to operate, other protection circuits on the
primary side normally shut down the converter. When an adequate voltage level is resumed, a power-up
cycle is initiated.
Pulse OK
As well as providing ACSENSE, the preceding connection to the transformer is used to gate the operation of
the OrFET circuit. If the output of the transformer is good, the OrFET circuit allows gate drive to the OrFET.
AC Hysteresis
ACSENSE Hysteresis. Configurable voltage on the ACSENSE input allows the ACSENSE upper and lower
threshold to be adjusted to suit different amounts of low frequency ripple present on the bulk capacitor.
ACSENSE2
An alternate form of ac sense can be accepted by the ADM1041A. This may in the form of an opto-coupled
signal from the primary side where the actual level sensing might be done. As with the above, while ac is low
and UVB is disabled, AC_OK is false and DC_OK is true. Any brownout protection that might be required on
the primary is done on the primary side.
Soft-Start
At start-up, the voltage reference to the voltage error amplifier is brought up slowly in approximately 127
steps to provide a controlled rate of rise of the output voltage.
VDD–OVP
An OVP fault on the auxiliary supply to the ADM1041A causes a standard OVP operation (see the OVP
function in this table).
VDD–UVL
A UVL fault on the auxiliary supply to the IC causes a standard UVP operation (see the UVP function in this
table).
Auto Restart Mode
In this mode, the housekeeping circuit attempts to restart the supply after an undervoltage event at about 1
second intervals. No other fault can initiate auto-restart.
VREF–MON
The internal precision reference is monitored by a separate reference for overvoltage and allows truly
redundant OVP. The externally available reference is also monitored for an undervoltage that would indicate
a short on the pin.
GND–MON
The internal ground is constantly monitored against the VS- pin. If the chip ground goes positive with respect
to this pin, it indicates that the chip ground is open-circuit either inside the ADM1041A or the external wiring.
The ADM1041A would be latched off, similar to an OV event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com