Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1406409 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1406409
Description  SACC-CI-M12FSS-4CON-L180 THR PE - Flush-type connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406409 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1406409 Datasheet HTML 1Page - PHOENIX CONTACT 1406409 Datasheet HTML 2Page - PHOENIX CONTACT 1406409 Datasheet HTML 3Page - PHOENIX CONTACT 1406409 Datasheet HTML 4Page - PHOENIX CONTACT 1406409 Datasheet HTML 5Page - PHOENIX CONTACT 1406409 Datasheet HTML 6Page - PHOENIX CONTACT 1406409 Datasheet HTML 7Page - PHOENIX CONTACT 1406409 Datasheet HTML 8Page - PHOENIX CONTACT 1406409 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Flush-type connector, Universal, 4-position, Socket, straight, M12, coding: S , PCB mounting,
THR solder connection, Alternative product in accordance with RoHS II without Exemption 6c
(Pb <0.1%) item no.: 1238743
Your advantages
For compact devices: transmit high power in a confined space
•
Reduced mounting costs thanks to two-piece device connector
•
All common pin assignments and codings available
•
Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
•
Packaging available for automated pick and place assembly
•
Commercial Data
Item number
1406409
Packing unit
1 pc
Minimum order quantity
20 pc
Sales Key
AB27
Product Key
ABQAGU
Catalog Page
Page 288 (C-2-2013)
GTIN
4046356804349
Weight per Piece (including packing)
4.5 g
Weight per Piece (excluding packing)
4.195 g
Customs tariff number
85366990
Country of origin
DE
SACC-CI-M12FSS-4CON-L180 THR PE - Flush-type
connector
1406409
https://www.phoenixcontact.com/us/products/1406409
Jul 11, 2023, 4:26 AM
Page 1 (12)


Similar Part No. - 1406409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406400 PHOENIX-1406400 Datasheet
97Kb / 3P
Patch cable - VS-PNRJ45-PNRJ45-93B-1,5
1406401 PHOENIX-1406401 Datasheet
360Kb / 8P
VS-PNRJ45-PNRJ45-93B-3,0 - Patch cable
1406402 PHOENIX-1406402 Datasheet
360Kb / 8P
VS-PNRJ45-PNRJ45-93B-3,5 - Patch cable
1406403 PHOENIX-1406403 Datasheet
97Kb / 3P
Patch cable - VS-PNRJ45-PNRJ45-93B-5,0
1406404 PHOENIX-1406404 Datasheet
360Kb / 8P
VS-PNRJ45-PNRJ45-93B-7,5 - Patch cable
More results

Similar Description - 1406409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1552214 PHOENIX-1552214 Datasheet
136Kb / 4P
SACC-CI-M12MSD-4CON-L180 THR
1552227 PHOENIX-1552227 Datasheet
375Kb / 8P
Flush-type connector - SACC-CI-M12MS-5CON-L180 THR
1406397 PHOENIX-1406397 Datasheet
238Kb / 6P
Flush-type connector - SACC-CI-M12MST-4CON-L180 THRSH
1406410 PHOENIX-1406410 Datasheet
241Kb / 7P
Flush-type connector - SACC-CI-M12MSS-4CON-L180 THRPE
1418340 PHOENIX-1418340 Datasheet
135Kb / 9P
Flush-type connector - SACC-CI-M12FST-4CON-L180 TOR
09/11/2020
1418344 PHOENIX-1418344 Datasheet
127Kb / 7P
Flush-type connector - SACC-CI-M12FSS-4CON-L180 TORPE
09/11/2020
1439939 PHOENIX-1439939 Datasheet
803Kb / 15P
SACC-CI-M12MS-4CON-L180 THR SH - Flush-type connector
1437164 PHOENIX-1437164 Datasheet
802Kb / 15P
SACC-CI-M12MS-4CON-L180 THR - Flush-type connector
1406412 PHOENIX-1406412 Datasheet
661Kb / 15P
SACC-CI-M12FST-4CON-L180 THR SH - Flush-type connector
1439955 PHOENIX-1439955 Datasheet
1Mb / 18P
SACC-CI-M12FS-4CON-L180 SH THR - Flush-type connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com