Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1067ASU Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1067ASU
Description  Super Sequencer with Open-Loop Margining DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1067ASU Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1067ASU Datasheet HTML 12Page - Analog Devices ADM1067ASU Datasheet HTML 13Page - Analog Devices ADM1067ASU Datasheet HTML 14Page - Analog Devices ADM1067ASU Datasheet HTML 15Page - Analog Devices ADM1067ASU Datasheet HTML 16Page - Analog Devices ADM1067ASU Datasheet HTML 17Page - Analog Devices ADM1067ASU Datasheet HTML 18Page - Analog Devices ADM1067ASU Datasheet HTML 19Page - Analog Devices ADM1067ASU Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADM1067
Rev. B | Page 16 of 32
The digital blocks feature the same glitch filter function that is
available on the SFDs. This enables the user to ignore spurious
transitions on the inputs. For example, the filter can be used to
debounce a manual reset switch.
When configured as digital inputs, each VXn pin has a weak
(10 μA) pull-down current source available for placing the input
in a known condition, even if left floating. The current source, if
selected, weakly pulls the input to GND.
DETECTOR
VXn
(DIGITAL INPUT)
GLITCH
FILTER
VREF = 1.4V
TO
SEQUENCING
ENGINE
+
–
Figure 21. VXn Digital Input Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com