Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5165A Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5165A
Description  5?묪it Synchronous CPU Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165A Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5165A Datasheet HTML 9Page - ON Semiconductor CS5165A Datasheet HTML 10Page - ON Semiconductor CS5165A Datasheet HTML 11Page - ON Semiconductor CS5165A Datasheet HTML 12Page - ON Semiconductor CS5165A Datasheet HTML 13Page - ON Semiconductor CS5165A Datasheet HTML 14Page - ON Semiconductor CS5165A Datasheet HTML 15Page - ON Semiconductor CS5165A Datasheet HTML 16Page - ON Semiconductor CS5165A Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CS5165A
http://onsemi.com
13
Figure 24. Power Good Response to an Out of
Regulation Condition
Trace 4− VFB (1.0 V/div.)
Trace 2− PWRGD (2.0 V/div.)
Figure 24 shows the relationship between the regulated
output voltage VFB and the Power Good signal. To prevent
Power Good from interrupting the CPU unnecessarily, the
CS5165A has a built−in delay to prevent noise at the VFB pin
from toggling Power Good. The internal time delay is designed
to take about 75
ms for Power Good to go low and 65 ms for it
to recover. This allows the Power Good signal to be completely
insensitive to out of regulation conditions that are present for
a duration less than the built in delay (see Figure 25).
It is therefore required that the output voltage attains an out
of regulation or in regulation level for at least the built−in delay
time duration before the Power Good signal can change state.
Figure 25. Power Good is Insensitive to Out of
Regulation Conditions that are Present for a
Duration Less Than the Built In Delay
Trace 4− VFB (1.0 V/div.)
Trace 2− PWRGD (2.0 V/div.)
Selecting External Components
The CS5165A buck regulator can be used with a wide range
of external power components to optimize the cost and
performance of a particular design. The following information
can be used as general guidelines to assist in their selection.
NFET Power Transistors
Both logic level and standard FETs can be used. The
reference designs derive gate drive from the 12 V supply
which is generally available in most computer systems and
utilize logic level FETs. A charge pump may be easily
implemented to support 5.0 V only systems. Multiple FET’s
may be paralleled to reduce losses and improve efficiency and
thermal management.
Voltage applied to the FET gates depends on the application
circuit used. Both upper and lower gate driver outputs are
specified to drive to within 1.5 V of ground when in the low
state and to within 2.0 V of their respective bias supplies when
in the high state. In practice, the FET gates will be driven rail
to rail due to overshoot caused by the capacitive load they
present to the controller IC. For the typical application where
VCC = 12 V and 5.0 V is used as the source for the regulator
output current, the following gate drive is provided:
VGS(BOTTOM) + 12 V
VGS(TOP) + 12 V * 5.0 V + 7.0 V
(see Figure 26)
Figure 26. Gate Drive Waveforms Depicting
Rail to Rail Swing
Trace 3− GATE(H) (10 V/div.)
Trace 1− GATE(H) − 5.0 VIN
Trace 4− GATE(L) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com