Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5161GD16 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5161GD16
Description  CPU 5?묪it Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5161GD16 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5161GD16 Datasheet HTML 1Page - ON Semiconductor CS5161GD16 Datasheet HTML 2Page - ON Semiconductor CS5161GD16 Datasheet HTML 3Page - ON Semiconductor CS5161GD16 Datasheet HTML 4Page - ON Semiconductor CS5161GD16 Datasheet HTML 5Page - ON Semiconductor CS5161GD16 Datasheet HTML 6Page - ON Semiconductor CS5161GD16 Datasheet HTML 7Page - ON Semiconductor CS5161GD16 Datasheet HTML 8Page - ON Semiconductor CS5161GD16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CS5161, CS5161H
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < +70°C; CS5161: 0°C < TJ < +85°C; CS5161H: 0°C < TJ < +125°C;
9.5 V < VCC1 < 14 V; CS5161: 5.0 V < VCC2 < 16 V; CS5161H: 5.0 V < VCC2 < 20 V; DAC Code: VID4 = VID2 = VID1 = VID0 =1; VID3 = 0;
CVGATE(L) and CVGATE(H) = 1.0 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
DAC
1
0
1
0
0
−
3.0380
3.1000
3.1620
V
1
0
0
1
1
−
3.1360
3.2000
3.2640
V
1
0
0
1
0
−
3.2340
3.3000
3.3660
V
1
0
0
0
1
−
3.3320
3.4000
3.4680
V
1
0
0
0
0
−
3.4300
3.5000
3.5700
V
VGATE(H) and VGATE(L)
Out SOURCE Sat at 100 mA
Measure VCC1 − VGATE(L); VCC2 − VGATE(H)
−
1.2
2.0
V
Out SINK Sat at 100 mA
Measure VGATE(H) − VPGnd; VGATE(L) − VPGnd
−
1.0
1.5
V
Out Rise Time
1.0 V < VGATE(H) < 9.0 V; 1.0 V < VGATE(L)
< 9.0 V; VCC1 = VCC2 = 12 V
−
30
50
ns
Out Fall Time
9.0 V < VGATE(H) > 1.0 V; 9.0 V > VGATE(L)
> 1.0 V; VCC1 = VCC2 = 12 V
−
30
50
ns
Delay VGATE(H) to VGATE(L)
VGATE(H) falling to 2.0 V; VCC1 = VCC2 = 8.0 V
VGATE(L) rising to 2.0 V
20
50
90
ns
Delay VGATE(L) to VGATE(H)
VGATE(L) falling to 2.0 V; VCC1 = VCC2 = 8.0 V
VGATE(H) rising to 2.0 V
20
50
90
ns
VGATE(H), VGATE(L) Resistance
Resistor to LGnd. Note 3
20
50
100
kΩ
VGATE(H), VGATE(L) Schottky
LGnd to VGATE(H) @ 10 mA;
LGnd to VGATE(L) @ 10 mA
−
600
800
mV
Supply Current
ICC1 No Switching
−
−
9.5
14.5
mA
ICC2 No Switching
−
−
2.0
3.5
mA
Operating ICC1
VFB = COMP = VFFB
−
9.0
14
mA
Operating ICC2
VFB = COMP = VFFB
−
2.5
5.5
mA
COFF
Normal Charge Time
VFFB = 1.5 V; VSS = 5.0 V
1.0
1.6
2.2
μs
Discharge Current
COFF to 5.0 V; VFB > 1.0 V
5.0
−
−
mA
Time Out Timer
Time Out Time
VFB = VCOMP; VFFB = 2.0 V;
Record VGATE(H) Pulse High Duration
10
30
65
μs
Fault Mode Duty Cycle
VFFB = 0V
35
50
70
%
3. Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com