Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5302GDWR28 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5302GDWR28
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302GDWR28 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5302GDWR28 Datasheet HTML 4Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 5Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 6Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 7Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 8Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 9Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 10Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 11Page - ON Semiconductor CS5302GDWR28 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CS5302
http://onsemi.com
8
Gate(H)1
CSA2
Stop
Start
PH 2
PH 1
× 2
FAULT
CO2
CO1
+
−
−
+
−
−
+
−
+
+
−
+
−
−
+
CO1
PH 1
VCCL
3.3 V
REF
DAC
DACOUT
CO1
Offset
FAULT
CO2
CO2
DACOUT
OSC
BIAS
VCCH1
VCCL1
VCCH2
VCCL2
PWRGD
Gate(L)1
GND1
Gate(H)2
Gate(L)2
GND2
S
R
R
S
R
S
0.33 V
0.33 V
4.4 V
4.2 V
SS
Discharge
Threshold
VFB
COMP
ROSC
Current
Source
Gen
MAXC1
MAXC2
PWMC1
PWMC2
EA
CSA1
Gate
Nonoverlap
Gate
Nonoverlap
REF
VID0
VID1
VID2
VID3
LGND
CS1
CS2
CSREF
FAULT
PH 2
SS
FAULT
−
ILIM
ILIM
Filter
SS
Discharge
Current
SS
Charge
Current
VDRP
AVPA
+
+
Delay
+11%
−11%
9.2 V
8.7 V
Stop
Start
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com