Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1192-1ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1192-1ARMZ-R7
Description  Digital Power Monitor with Clear Pin and ALERT Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1192-1ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1192-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1192-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM1192
Rev. 0 | Page 10 of 20
VOLTAGE AND CURRENT READBACK
The ADM1192 contains the components to allow voltage and
current readback over an Inter-IC (I2C) bus. The voltage output
of the current sense amplifier and the voltage on the VCC pin
are fed into a 12-bit ADC via a multiplexer. The device can be
instructed to convert voltage and/or current at any time during
operation via an I2C command. When all conversions are
complete, the voltage and/or current values can be read out to
12-bit accuracy in two or three bytes.
SERIAL BUS INTERFACE
Control of the ADM1192 is carried out via the serial system
management bus (I2C). This interface is compatible with I2C
fast mode (400 kHz maximum). The ADM1192 is connected to
this bus as a slave device, under the control of a master device.
IDENTIFYING THE ADM1192 ON THE I2C BUS
The ADM1192 has a 7-bit serial bus slave address. When the
device powers up, it does so with a default serial bus address.
The five MSBs of the address are set to 01011; the two LSBs are
determined by the state of the ADR pin. There are four different
configurations available on the ADR pin that correspond to four
different I2C addresses for the two LSBs (see Table 5). This
scheme allows four ADM1192 devices to operate on a single I2C.
Table 5. Setting I2C Addresses via the ADR Pin
ADR Configuration
Address
Low state
0x68
Resistor to GND
0x69
Floating (unconnected)
0x6A
High state
0x6B
GENERAL I2C TIMING
Figure 18 and Figure 19 show timing diagrams for general read
and write operations using the I2C. The I2C specification defines
conditions for different types of read and write operations, which
are discussed later. The general I2C protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line, SCL, remains high.
This indicates that a data stream follows. All slave peripherals
connected to the serial bus respond to the start condition
and shift in the next eight bits, consisting of a 7-bit slave
address (MSB first) plus an R/W bit that determines the
direction of the data transfer; that is, whether data is written
to or read from the slave device (0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the
low period before the ninth clock pulse, known as the
acknowledge bit, and holding it low during the high period of
this clock pulse. All other devices on the bus now remain
idle while the selected device waits for data to be read from
it or written to it. If the R/W bit is 0, the master writes to
the slave device. If the R/W bit is 1, the master reads from
the slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses: eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period because a low-to-
high transition when the clock is high can be interpreted
as a stop signal.
If the operation is a write operation, the first data byte
after the slave address is a command byte. This tells the
slave device what to expect next. It can be an instruction,
such as telling the slave device to expect a block write, or
it can be a register address that tells the slave where subse-
quent data is to be written.
Because data can flow in only one direction, as defined by
the R/W bit, it is not possible to send a command to a
slave device during a read operation. Before doing a read
operation, it may first be necessary to do a write operation
to tell the slave what sort of read operation to expect
and/or the address from which data is to be read.
3.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a
stop condition. In read mode, the master device releases
the SDA line during the low period before the ninth clock
pulse, but the slave device does not pull it low. This is known
as a no acknowledge. The master then takes the data line
low during the low period before the 10th clock pulse, then
high during the 10th clock pulse to assert a stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com