Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBR-123 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LBR-123
Description  Reflective Object Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LBR-123 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LBR-123 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LBR-123 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LBR-123 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Letex Technology Corp.
2
Reflective Object Sensor
Model No: LBR-123
Absolute Maximum Ratings (Ambient Temperature: 25℃)
Item
Symbol
Rating
Units
Note
Input
Forward current
IF
50
mA
Reverse voltage
VR
5
V
Peak forward current
IFP
1
A
Pulse width≦100μ s,
Duty cycle=1%
Power dissipation
Pd
75
mW
Output
Collector current
Ic
50
mA
Collector-Emitter voltage
BVceo
30
V
Emitter-Collector voltage
BVeco
5
V
Collector power dissipation
Pc
75
mW
Storage Temperature
Tstg
-40 to +85
℃
Operating Temperature
Top
-25 to +85
℃
Soldering Temperature
Tsol
260
℃
5 seconds max.
Electrical Specifications (Ambient Temperature: 25℃)
Item
Symbol
MIN.
TYP.
MAX.
Units
Conditions
Input
Forward voltage
VF
1.2
1.4
V
IF=20mA
Reverse current
IR
10
µA
VR=5V
Peak wavelength
λ p
940
nm
View angle
2
θ 1/2
110
Deg.
IF=20mA
Output
Dark current
Iceo
100
nA
Vce=10V
C-E saturation voltage
Vce(sat)
0.4
V
Ic=2mA, IB=0.1mA
Light current
Ic(on)
0.1
mA
Vce=5V
IF=20mA
Leakage current
ILeak
1
µA
Speed
Rise Time
tr
20
µs
Vce=2V
Ic=100uA
RL=1KΩ
Fall Time
tf
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com