Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC2001 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # AC2001
Description  Millimeter Wave gunn Oscillator Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

AC2001 Datasheet(HTML) 1 Page - Dynex Semiconductor

  AC2001 Datasheet HTML 1Page - Dynex Semiconductor AC2001 Datasheet HTML 2Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC2001
Millimeter Wave gunn Oscillator Module
Dynex Semiconductor has developed a low cost, state of
the art Millimetre Wave Gunn diode based oscillator
module that operates in the 75 to 80 GHz band, with a 1
GHz operational bandwidth.
The initial application of the oscillator is within an
automotive product.
The use of Gunn technology provides performance
advantages compared to competing technologies.
Figure 1 Millimeter Wave Gunn Oscillator Module
Features
l
High output power
l
Low phase noise performance
l
Frequency stability with temperature
l
Frequency agility
DS5074-3.0 January 2000
Applications
l
A low noise source for research use
l
Autonomous Intelligent Cruise Control systems
l
FMCW and Doppler radar systems
l
Voltage controlled oscillator
The Gunn diode is a custom MBE grown GaAs
hetrojunction device incorporated into a machined alloy
body with an integral custom waveguide 26 flange. The
oscillator is a radial mode 2nd harmonic bias tuned
design.
For microstrip applications a waveguide to 0.18mm
microstrip step transition is available to interface the
oscillator to microstrip circuits.
A separate power supply driver PCB can be provided to
interface to the Gunn module. This provides over voltage,
spike and reverse polarity protection. The driver PCB
also allows ease of frequency setting or the application of
modulation.
It should be noted that the Gunn diode is easily damaged
by voltage transients or reverse bias. It is recommended
that the driver circuitry is always used to protect the Gunn
diode from potential damage.
It is possible to extend the lower operational temperature
range of the oscillator by applying a small DC voltage to
the oscillator. This voltage is insufficient to generate any
RF power.
The required frequency range must be specified when
ordering the parts.
Specification
Potential operating frequency range
75 - 80 GHz
Microwave Output power (@25
∞C)
+16 dBm min.
SSB Phase Noise (100kHz offset)
-85 dBc/Hz typ.
Operating voltage range
5.0 - 6.5 V
Supply current
750 mA typ.
DP/DT (max.)
0.35 mW/
•C
DF/DT (typ.)
1 - 2 MHz/
•C
Voltage pushing
400 - 800 MHz/V
Operational temperature range
-30
∞C to +85 ∞C
Weight (Oscillator only)
25 g approx.
Frequency adjustment or modulation of the oscillator is
achieved by changing the oscillator bias supply via the
driver PCB. The driver PCB provides a control voltage
input for this purpose. The voltage limits must be within
those specified
Replaces March 1999, version DS5074-2.0


Similar Part No. - AC2001

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC200 INTRONICS-AC200 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
logo
Shenzhen X-Powers Techn...
AC200 XPOWER-AC200 Datasheet
445Kb / 3P
Digital Analog Mix IC with Audio, Video and EPHY Modules for TV-BOX Application
logo
Intronics Power, Inc.
AC200-033 INTRONICS-AC200-033 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-050 INTRONICS-AC200-050 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
AC200-120 INTRONICS-AC200-120 Datasheet
210Kb / 2P
200 Watt Single Output U Frame AC-DC Modules with PFC
More results

Similar Description - AC2001

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTA-6430A1 CPI-VTA-6430A1 Datasheet
102Kb / 2P
Millimeter Wave Coupled Cavity TWT
logo
API Delevan
BXHF1200 API-BXHF1200 Datasheet
217Kb / 3P
High Frequency Millimeter-wave Amplifier
logo
Marki Microwave
MMD-2050HSM MARKIMICROWAVE-MMD-2050HSM Datasheet
661Kb / 9P
GaAs MMIC Millimeter Wave Doubler
MMD-2050LSM MARKIMICROWAVE-MMD-2050LSM Datasheet
696Kb / 9P
GaAs MMIC Millimeter Wave Doubler
MMD-2060H MARKIMICROWAVE-MMD-2060H Datasheet
432Kb / 10P
GaAs MMIC Millimeter Wave Doubler
MMD-2060L MARKIMICROWAVE-MMD-2060L Datasheet
450Kb / 10P
GaAs MMIC Millimeter Wave Doubler
MMD-3580L MARKIMICROWAVE-MMD-3580L Datasheet
496Kb / 10P
GaAs MMIC Millimeter Wave Doubler
logo
Mini-Circuits
K1-LFCN-MMW+ MINI-K1-LFCN-MMW+ Datasheet
303Kb / 1P
Millimeter-Wave Low Pass Filters
REV. OR
RC-2MTS-50 MINI-RC-2MTS-50 Datasheet
832Kb / 7P
Millimeter Wave Switch Matrix
REV. A
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com