Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CKBAAABBBA Datasheet(PDF) 3 Page - Lorlin Electronics Ltd.

Part # CKBAAABBBA
Description  CK ROTARY SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

CKBAAABBBA Datasheet(HTML) 3 Page - Lorlin Electronics Ltd.

  CKBAAABBBA Datasheet HTML 1Page - Lorlin Electronics Ltd. CKBAAABBBA Datasheet HTML 2Page - Lorlin Electronics Ltd. CKBAAABBBA Datasheet HTML 3Page - Lorlin Electronics Ltd. CKBAAABBBA Datasheet HTML 4Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Nb. There is also a specification drawing sheet at the end
STANDARD PART NUMBERS
BASIC TYPES
SPINDLE
DIAMETER
SPINDLE LENGTH
FROM
MOUNTING FACE
8mm LONG
BUSH
SPINDLE FLAT
LENGTH
ANGLE OF
SPINDLE FLAT
SPINDLE FLAT
THICKNESS
IMPERIAL
6.35mm
38mm
9.52 x 32 TPI
30mm
90⁰
5.5mm
METRIC
6.00mm
50mm
M10 x 0.75
No Flat
-
-
CIRCUITRY AT 30⁰ INDEXING
PLATING FINISH
STANDARD METRIC
STANDARD IMPERIAL
Shorting (MBB)
Non- Shorting
(BBM)
Shorting (MBB)
Non- Shorting
(BBM)
1 POLE 12 POSITION
STOP INCLUDED
Silver
CK1039
CK1029
CK1034
CK1024
Solder Tag
Gold Flash
CK1508
CK1503
CK1516
CK1520
Gold Plate
CK2444
CK1672
CK2458
CK2459
Silver
CK1059
CK1049
CK1054
CK1044
Printed Circuit
Gold Flash
CK1512
CK1506
CK1524
CK1528
Board
Gold Plate
CK1475
CK1312
CK2460
CK2461
1 POLE 12 POSITION
CONTINUOUS ROTATION
Silver
CK1038
CK1028
CK1033
CK1023
Solder Tag
Gold Flash
CK1533
CK1537
CK1541
CK1545
Gold Plate
CK2445
CK2446
CK2462
CK2463
Silver
CK1058
CK1048
CK1053
CK1043
Printed Circuit
Gold Flash
CK1534
CK1538
CK1542
CK1546
Board
Gold Plate
CK2447
CK2448
CK2464
CK2465
2 POLE 6 POSITION
STOP INCLUDED
Silver
CK1040
CK1030
CK1035
CK1025
Solder Tag
Gold Flash
CK1509
CK1496
CK1517
CK1521
Gold Plate
CK2449
CK1726
CK2466
CK2467
Silver
CK1060
CK1050
CK1055
CK1045
Printed Circuit
Gold Flash
CK1513
CK1473
CK1525
CK1529
Board
Gold Plate
CK2450
CK1850
CK2468
CK2469
2 POLE 6 POSITION
CONTINUOUS ROTATION
Silver
CK1114
CK1118
CK1120
CK1121
Solder Tag
Gold Flash
CK1535
CK1539
CK1543
CK1547
Gold Plate
CK2451
CK2452
CK2470
CK2471
Silver
CK1119
CK1113
CK1122
CK1089
Printed Circuit
Gold Flash
CK1536
CK1540
CK1544
CK1548
Board
Gold Plate
CK2453
CK2454
CK2472
CK2473
3 POLE 4 POSITION
STOP INCLUDED
Silver
CK1041
CK1031
CK1036
CK1026
Solder Tag
Gold Flash
CK1510
CK1504
CK1518
CK1522
Gold Plate
CK2455
CK1577
CK2474
CK2475
Silver
CK1061
CK1051
CK1056
CK1046
Printed Circuit
Gold Flash
CK1514
CK1500
CK1526
CK1530
Board
Gold Plate
CK2456
CK1952
CK2476
CK2477
4 POLE 3 POSITION
STOP INCLUDED
Silver
CK1042
CK1032
CK1037
CK1027
Solder Tag
Gold Flash
CK1511
CK1505
CK1519
CK1523
Gold Plate
CK1673
CK1822
CK2478
CK2479
Silver
CK1062
CK1052
CK1057
CK1047
Printed Circuit
Gold Flash
CK1515
CK1507
CK1527
CK1531
Board
Gold Plate
CK2457
CK1953
CK2480
CK2481



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com