Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUAF32866B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICSSSTUAF32866B
Description  25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32866B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICSSSTUAF32866B Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ICSSSTUAF32866B
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
13
ICSSSTUAF32866B
7096/13
Operating Characteristics
The RESET and Cn inputs of the device must be held at valid levels (not floating) to ensure proper device operation.
The differential inputs must not be floating unless RESET is LOW.
Symbol
Parameter
Min.
Typ.
Max.
Units
VDDQ
I/O Supply Voltage
1.7
1.9
V
VREF
Reference Voltage
0.49 * VDD
0.5 * VDD
0.51 * VDD
V
VTT
Termination Voltage
VREF - 0.04
VREF
VREF + 0.04
V
VI
Input Voltage
0
VDD
V
VIH
AC High-Level Input Voltage
Data, CSR,
and
PAR_IN
inputs
VREF + 0.25
V
VIL
AC Low-Level Input Voltage
VREF - 0.25
VIH
DC High-Level Input Voltage
VREF + 0.125
VIL
DC Low-Level Input Voltage
VREF - 0.125
VIH
High-Level Input Voltage
RESET,
C0, C1
0.65 * VDDQ
V
VIL
Low-Level Input Voltage
0.35 * VDDQ
VICR
Common Mode Input Range
CLK, CLK
0.675
1.125
V
VID
Differential Input Voltage
600
mV
IOH
High-Level Output Current
-8
mA
IOL
Low-Level Output Current
8
IERROL
QERR LOW Level Output Current
25
mA
TA
Operating Free-Air Temperature
0
+70
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com