Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUB32S868D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICSSSTUB32S868D
Description  28-Bit Configurable Registered Buffer for DDR2
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32S868D Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICSSSTUB32S868D Datasheet HTML 1Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 2Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 3Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUB32S868D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
ICSSSTUB32S868D
Advance Information
08/14/06
General Description
This 28-bit 1:2 configurable registered buffer is designed for 1.7-V to 1.9-V VDD operation. All inputs are compatible
with the JEDEC standard for SSTL_18, except the chip-select gate-enable (CSGEN), control (C), and reset (RESET)
inputs, which are LVCMOS. All outputs are edge-controlled circuits optimized for unterminated DIMM loads, and meet
SSTL_18 specifications, except the open-drain error (QERR) output.
The ICSSSTUB32S868D operates from a differential clock (CK and CK). Data are registered at the crossing of CK
going high and CK going low. The device supports low-power standby operation. When RESET is low, the differential
input receivers are disabled, and undriven (floating) data, clock, and reference voltage (VREF) inputs are allowed. In
addition, when RESET is low, all registers are reset and all outputs are forced low except QERR. The LVCMOS RESET
and C inputs always must be held at a valid logic high or low level. To ensure defined outputs from the register before
a stable clock has been supplied, RESET must be held in the low state during power up. In the DDR2 RDIMM
application, RESET is specified to be completely asynchronous with respect to CK and CK. Therefore, no timing
relationship can be ensured between the two. When entering reset, the register will be cleared and the data outputs
will be driven low quickly, relative to the time to disable the differential input receivers. However, when coming out of
reset, the register will become active quickly, relative to the time to enable the differential input receivers. As long as
the data inputs are low, and the clock is stable during the time from the low-to-high transition of RESET until the input
receivers are fully enabled, the design of the ICSSSTUB32S868D must ensure that the outputs will remain low, thus
ensuring no glitches on the output.
Inpu ts
Output
RST#
DCS0#
DCS1#
CK
CK#
Σ of inputs = H
(D1 - D28)
PAR_I N
†
QERR#
‡
H
LX
Even
L
H
H
LX
Odd
L
L
HLX
Even
H
L
H
LX
Odd
H
H
H
XL
Even
L
H
H
X
L
Odd
L
L
H
XL
Even
H
L
H
XL
Odd
H
H
H
HH
XX
QERR#0 §
HX
X
L or H
L or H
X
X
QERR#0
L
X or
floating
X or
floating
X or
floating
X or
floating
X
X or
floating
H
↑
↑
↑
↑
↑
↑
↑
↑
↑
↓
↓
↓
↓
↓
↓
↓
↓
↓
†
PAR_IN arrives one clock cycle after the data to which it applies.
‡
This transition assumes QERR# is high at the crossing of CK going high and CK#
going low. If QERR# is low, it stays latches low for two clock cycles or until RST#
is driven low.
§ If DCS0#, DCS1#, and CSGEN are driven high, the device is placed in low-power mode
(LPM). If a parity error occurs on the clock cycle before the device enters the LPM and the
QERR# output is driven low, it stays latches low for the LPM duration plus two clock cycles
or until RST# is driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com