Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-836110012 Datasheet(PDF) 1 Page - Ulti-Mate Connector Inc

Part # SD-836110012
Description  MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 18, SIZE 9 CM18R09P02
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTI-MATE [Ulti-Mate Connector Inc]
Direct Link  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

SD-836110012 Datasheet(HTML) 1 Page - Ulti-Mate Connector Inc

  SD-836110012 Datasheet HTML 1Page - Ulti-Mate Connector Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.785 MAX.
.308
MAX.
PIN 9
PIN 1
.565
.410
MAX.
.100 TYP.
.075 TYP.
.050
.138 MAX.
.050
.100 TYP.
.025
.075
.025
.075
.075 TYP.
2-56 JACKSCREW
2 PLACES
RECOMMENDED PCB LAYOUT
CL
CL
4
2
5
3
1
8
6
9
7
1
5
.109 .015
TYP.
24 AWG ( .020)
SOLID WIRE LEADS
9 PLACES
2
NOTES: UNLESS OTHERWISE SPECIFIED
1. CONNECTOR ASSEMBLY IS IAW MIL-DTL-83513 UNLESS OTHERWISE SPECIFIED
5 NUMBERS ARE FOR REFERENCE ONLY
AND DO NOT APPEAR ON PART
2 MARKINGS: UMI, UMI PART NO., AND DATE CODE
4. PERFORMANCE SPECIFICATIONS:
CURRENT RATING: 3A MAX.
INSULATION RESISTANCE: 5000 MΩ MIN.
DWV: 600 VAC
TEMPERATURE RATING: 125 C
CONTACT RESISTANCE: 8 mΩ MAX AT 2.5 AMPS
3 MATERIALS:
SHELL: 6061-T6 ALUMINUM PER AMS-QQ-A200/8, CADMIUM PLATED PER AMS-QQ-P-416
INSULATOR AND BACKSHELL: PPS PER MIL-M-24519 GST-40F, COLOR: BLK
PIN CONTACTS: C17200 BERYLLIUM COPPER PER ASTM B194, GOLD PLATED PER ASTM B488
24 AWG LEADS: TIN PLATED COPPER ALLOY PER A-A-59551 TYPE S
HARDWARE: PASSIVATED STAINLESS STEEL IAW MIL-DTL-83513/5
A
10
2
3
4
5
6
7
8
9
F
E
D
C
B
B
DRAWING NO.
REVISE ON CAD ONLY
DWG SIZE
CHECKED BY & DATE
C
SCALE
QUALITY
SYMBOLS
THIRD ANGLE
PROJECTION
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO ULTI-MATE
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION.
OF
SHEET NO.
Ulti-Mate CAGE CODE
58967
CAD FILENAME
PART REV.
PART NO.
MATERIAL
DRAWN BY & DATE
TITLE
UNLESS SPECIFIED:
ALL DIMENSIONS IN
INCHES
GENERAL
TOLERANCES:
3 PLACE .005
2 PLACE .01
ANGULAR 2
MAJOR
CRITICAL
APPROVED BY & DATE
NO SYMBOL
= MINOR
DIMENSION
3
DW 8-2-13
DW 8-2-13
JB 08/01/2013
4:1
1
1
-
SD-836110012
SD-836110012.slddrw
836110012
SD-836110012
REVISIONS
PART REV. DWG. ISSUE
DATE
ECN NO.
APPVD. BY
REL. BY
-
-
08/01/2013
UMI5058
DW
DW
MICRO-D CIRCUIT CONNECTOR,
PLUG, STYLE 18, SIZE 9
CM18R09P02


Similar Part No. - SD-836110012

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-836110118 ULTI-MATE-SD-836110118 Datasheet
87Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9 CM1R09P07T
9-23-13
SD-836110617 ULTI-MATE-SD-836110617 Datasheet
141Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, SIZE 9, STYLE 6, JACKPOST, CADMIUM PLATED, CM6R09P07
8/2/17
SD-836110618 ULTI-MATE-SD-836110618 Datasheet
44Kb / 1P
Micro-D PCB Standard Profile 9 Pin Jack Post Thru-Hole .075 x .100 (style 6) Vertical Threaded Insert Tin 0.109 Tail Length Cadmium Metal Shell 125 Max Temp No QPL
4-26-18
SD-836110619 ULTI-MATE-SD-836110619 Datasheet
105Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM6R09P0T, CADMIUM PLATED SHELL
4/5/18
SD-836110837 ULTI-MATE-SD-836110837 Datasheet
103Kb / 1P
MICRO-D CIRCUIT CONNECTOR ASSEMBLY, CM8R09P07-0.172, CADMIUM PLATED SHELL
9/25/18
More results

Similar Description - SD-836110012

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-836110118 ULTI-MATE-SD-836110118 Datasheet
87Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9 CM1R09P07T
9-23-13
SD-836110617 ULTI-MATE-SD-836110617 Datasheet
141Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, SIZE 9, STYLE 6, JACKPOST, CADMIUM PLATED, CM6R09P07
8/2/17
SD-836111117 ULTI-MATE-SD-836111117 Datasheet
87Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9, CM1R09P07-S01
9-20-13
SD-836120012 ULTI-MATE-SD-836120012 Datasheet
92Kb / 1P
MICRO-D CONNECTOR, PLUG STYLE 18, SIZE 15 CM18R15P02
11/9/2012
SD-836130118 ULTI-MATE-SD-836130118 Datasheet
111Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 21 CM1R21P07T
9-23-13
SD-836130712 ULTI-MATE-SD-836130712 Datasheet
137Kb / 1P
MICRO-D CIRCUIT CONNECTOR, STYLE 16, SIZE 21, PLUG CM16R21P02
10/11/2022
SD-836111128 ULTI-MATE-SD-836111128 Datasheet
86Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9 CM1R09P07T-.140-S01L
12-17-13
SD-836170012 ULTI-MATE-SD-836170012 Datasheet
135Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 18, SIZE 51-3 CM18R51-3P02
05/26/2015
SD-836410818 ULTI-MATE-SD-836410818 Datasheet
89Kb / 1P
MICRO-D CIRCUIT CONNECTOR, RECEPTACLE, STYLE 8, SIZE 9 CA8R09S07T
11-5-13
SD-836710712 ULTI-MATE-SD-836710712 Datasheet
126Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, SIZE 9, STYLE 6, JACKSCREWS, "BR" SERIES, CB6R09P02
8/11/17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com