Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3483 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3483
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3483 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3483 Datasheet HTML 9Page - Analog Devices ADM3483 Datasheet HTML 10Page - Analog Devices ADM3483 Datasheet HTML 11Page - Analog Devices ADM3483 Datasheet HTML 12Page - Analog Devices ADM3483 Datasheet HTML 13Page - Analog Devices ADM3483 Datasheet HTML 14Page - Analog Devices ADM3483 Datasheet HTML 15Page - Analog Devices ADM3483 Datasheet HTML 16Page - Analog Devices ADM3483 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 13 of 20
OUTPUT VOLTAGE (V)
140
0
012
1.2
0.3
–40
TEMPERATURE (°C)
120
100
80
60
40
20
24
68
10
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
Figure 28. Output Current vs. Driver Output Low Voltage
–125
–5
–7
3
OUTPUT VOLTAGE (V)
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
–15
–6
–5
–4
–3
–2
–1
0
1
2
Figure 29. Output Current vs. Driver Output High Voltage
–30 –20 –10
0
10
20
30
40
50
60
70
80
DE = RE = GND
DE = RE = X*
*X = DON’T CARE
Figure 30. Supply Current vs. Temperature
90
0
–40
TEMPERATURE (°C)
–30 –20 –10
0
10
20
30
40
50
60
70
80
80
70
60
50
40
30
20
10
Figure 31. Shutdown Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com