Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG84901 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG84901
Description  Clock Synthesizer for Intel PCI-Express Gen3 Chipset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG84901 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG84901 Datasheet HTML 14Page - Renesas Technology Corp SLG84901 Datasheet HTML 15Page - Renesas Technology Corp SLG84901 Datasheet HTML 16Page - Renesas Technology Corp SLG84901 Datasheet HTML 17Page - Renesas Technology Corp SLG84901 Datasheet HTML 18Page - Renesas Technology Corp SLG84901 Datasheet HTML 19Page - Renesas Technology Corp SLG84901 Datasheet HTML 20Page - Renesas Technology Corp SLG84901 Datasheet HTML 21Page - Renesas Technology Corp SLG84901 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
000-0084901-10
1
Page 21 of 21
SLG84901
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Package Type
# of
Pins
Nominal
Package
Size (mm)
Max Units
Hub &
Reel Size
(mm)
Trailer A
Leader B
Pocket Tape
(mm)
per
reel
per
box
Pockets
Length
(mm)
Pockets
Length
(mm)
Width
Pitch
TSSOP 64L 240
mil Green
64
17x8.1
2,000
2,000
330/100
42
504
42
504
24
12
Package
Type
Pocket
BTM
Length
(mm)
Pocket
BTM Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
TSSOP
64L 240 mil
Green
8.4
17.3
1.6
4
12
1.5
1.75
11.5
24
P1
E
P0
A0
D0
Y
Y
K0
Section Y-Y
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com