Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3490 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3490
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3490 Datasheet(HTML) 3 Page - Analog Devices

  ADM3490 Datasheet HTML 1Page - Analog Devices ADM3490 Datasheet HTML 2Page - Analog Devices ADM3490 Datasheet HTML 3Page - Analog Devices ADM3490 Datasheet HTML 4Page - Analog Devices ADM3490 Datasheet HTML 5Page - Analog Devices ADM3490 Datasheet HTML 6Page - Analog Devices ADM3490 Datasheet HTML 7Page - Analog Devices ADM3490 Datasheet HTML 8Page - Analog Devices ADM3490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 3 of 20
Table 1. ADM34xx Part Comparison
Part No.
Guaranteed Data
Rate (Mbps)
Supply
Voltage (V)
Half-/Full-
Duplex
Slew Rate
Limited
Driver/Receiver
Enable
Shutdown
Current (nA)
Pin
Count
ADM3483
0.25
3.0 to 3.6
Half
Yes
Yes
2
8
ADM3485
10
3.0 to 3.6
Half
No
Yes
2
8
ADM3488
0.25
3.0 to 3.6
Full
Yes
No
N/A
8
ADM3490
10
3.0 to 3.6
Full
No
No
N/A
8
ADM3491
10
3.0 to 3.6
Full
No
Yes
2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com