Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-101 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LC-101
Description  Magnetic Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LC-101 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LC-101 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LC-101 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Letex Technology Corp.
2
Magnetic Contact
Part No. LC-101
Switch
Contact arrangement
Closed loop
Contact material
Rh plating
Contact rating
30V
0.1 A
Contact resistance (Max.)
0.2 Ohm
Life expentancy
10
7 cycles
Magnet
Material
Anisotropic ferrite
Residual flux density (Br)
3300~3600 Gauss
Sense gap
80mm over



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com