Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1051V-2 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF1051V-2
Description  FOR DIGITAL MOBILE TELEPHONE, Tx
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF1051V-2 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF1051V-2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MF1051V-2
– 55 –
MF1051V-2
FOR DIGITAL MOBILE TELEPHONE, Tx
– 54 –
DESCRIPTION
This SAW filter for the RF circuit of digital
mobile communication equipment operating at
1429 MHz ~ 1453 MHz.
FEATURES
1. SMD package insures small size, lightweight.
2. Adjustment free.
3. Low insertion loss and high stop band
attenuation.
4. Wide and sharp passband characteristics.
5. High stability and reliability.
6. Designed for reflow solderings.
APPLICATION
• Digital mobile cellular telephone
• Portable digital cellular telephone
• Wireless equipment
DIMENSIONS ARE IN MILLIMETERS
±0.2 UNLESS OTHERWISE SPECIFIED
MAXIMUM RATINGS
ELECTRICAL PERFORMANCE
PACKAGE OUTLINE DIMENSIONS
Insertion Loss vs. Frequency
CH1 S21 log MAG
1 dB / REF 0 dB
Input VSWR vs. Frequency
Parameter
Units
MF1051V-2
PASSBAND FREQUENCY
1429 – 1453
PASSBAND CHARACTERISTICS
Insertion Loss
Ripple
VSWR
STOPBAND ATTENUATION
0 – 1050 MHz
1050 – 1360 MHz
1477 – 1501 MHz
1607 – 1631 MHz
1785 – 1809 MHz
1809 – 3000 MHz
Min
Typ
Max
2.5
dB
dBp-p
3.4
0.5
1.5
1.7
2.5
45
27
23
45
42
32
40
25
15
40
37
25
MHz
dB
dB
dB
dB
dB
dB
Unit : mm
BOTTOM VIEW
TOP VIEW
SIDE VIEW
1.2
0.75
1.5
0.75
3.0
GND
OUT
GND
GND
IN
GND
IN
OUT
MF1051V-2 TYPICAL CHARACTERISTICS
Input Reflection Coefficient vs. Frequency
Output Reflection Coefficient vs. Frequency
Operating Temperature Range
–20 to 75
Storage Temperature Range
–30 to 85
Input Power
40
Rating
Value
°C
°C
mW
Unit
CH1 S11
SWR
500 m / REF 1
Attenuation vs. Frequency
Output VSWR vs. Frequency
Attenuation vs. Frequency
CH1 S11 1 U FS
MARKER 1 : 1441 MHz
MARKER 2 : 1429 MHz
MARKER 3 : 1453 MHz
CENTER
1 441.000 000 MHz
SPAN
100.000 000 MHz
CENTER
1 441.000 000 MHz
SPAN
100.000 000 MHz
CH1 S11 1 U FS
MARKER 1 : 1441 MHz
MARKER 2 : 1429 MHz
MARKER 3 : 1453 MHz
CENTER
1 441.000 000 MHz
SPAN
100.000 000 MHz
CENTER
1 441.000 000 MHz
SPAN
100.000 000 MHz
CH1 S21 log MAG
5 dB / REF 0 dB
CH1 S22
SWR
500 m / REF 1
CENTER
1 500.000 000 MHz
SPAN
600.000 000 MHz
CENTER
1 441.000 000 MHz
SPAN
100.000 000 MHz
CH1 S21 log MAG
5 dB / REF 0 dB
START
.300 000 MHz
STOP
3 000.000 000 MHz
0
–1
–2
–3
–4
–5
0
–10
–20
–30
3.0
2.0
1.0
3.0
2.0
1.0
0
–10
–20
–30
–40


Similar Part No. - MF1051V-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1051V-5 MITSUBISHI-MF1051V-5 Datasheet
66Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
More results

Similar Description - MF1051V-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1010S-1 MITSUBISHI-MF1010S-1 Datasheet
133Kb / 1P
FOR AMPS MOBILE TELEPHONE, Tx
MF1018S-1 MITSUBISHI-MF1018S-1 Datasheet
146Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
MF1018S-2 MITSUBISHI-MF1018S-2 Datasheet
144Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
MF1018S-3 MITSUBISHI-MF1018S-3 Datasheet
161Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
MF1042S-1 MITSUBISHI-MF1042S-1 Datasheet
147Kb / 1P
FOR GSM MOBILE TELEPHONE, Tx
MF1051S-1 MITSUBISHI-MF1051S-1 Datasheet
133Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
MF1051S-2 MITSUBISHI-MF1051S-2 Datasheet
134Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
MF1051V-5 MITSUBISHI-MF1051V-5 Datasheet
66Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
MF1118V-2 MITSUBISHI-MF1118V-2 Datasheet
36Kb / 1P
FOR DIGITAL MOBILE TELEPHONE, Tx
MF1151V-2 MITSUBISHI-MF1151V-2 Datasheet
54Kb / 1P
FOR AMPS MOBILE TELEPHONE, Tx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com