Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVM302P10 Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # MVM302P10
Description  3,000V Surface Mount Multiplier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

MVM302P10 Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  MVM302P10 Datasheet HTML 1Page - Voltage Multipliers Inc. MVM302P10 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
58
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
V
OUT
AC
RL
V
OUT
RL
AC
MVM302P10
Typical Single Multiplier Circuit
Typical Circuit
Showing Two Multipliers in Series
0
500
1000
1500
2000
2500
3000
100
200
300
400
500
600
Input Voltage (Vpp)
1.0µA
20µA
SINGLE MULTIPLIER
OUTPUT VOLTAGE VS. INPUT VOLTAGE
10µA
50µA
0
1000
2000
3000
4000
5000
6000
100
200
300
400
500
600
Input Voltage (Vpp)
TWO MULTIPLIERS IN SERIES
OUTPUT VOLTAGE VS. INPUT VOLTAGE
1.0µA
20µA
10µA
50µA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com