Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW-10SM Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LDW-10SM
Description  Reed Switch specifications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW-10SM Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LDW-10SM Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW-10SM Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDW10SM
- 1 -
Letex Technology Corp.
Reed Switch specifications
Model No: LDW-10SM
Features
•The LDW-10SM is a small single-contact reed switch designed for surface mount technology system use.
Applications
•Automotive electronic devices
•Rotation and speed monitoring
•Door and window contacts for security system
•Communication equipment
•Measurement equipment
Dimensions
Unit : m m
Electrical Characteristics
Contact form
SPST Form A Center gap
Contact material
Ruthenium
Switching power
(max.)
10 VA
Switching Current
(max.)
0.5 Amp.
Carry Current
(max.)
1.0 Amp.
Switching voltage
(max.)
200 VDC
Breakdown voltage
(min.)
250 VDC
Contact resistance
(max.)
200 Milliohms
Insulation resistance
(min.)
10
12 Ohms
Contact capacitance
(max.)
0.5 pF
Operate time including bounce
(typ.)
1.0 Milliseconds
Release time
(typ.)
0.1 Milliseconds
Pull in Range
1 – 30 AT
Drop out
35 – 90%
Note: 1 The specification for VA rating may be exceeded for less sensitive (High AT) switches, and should be decreased
for very sensitive (Low AT) switches. Specific life testing for a particular load will be run upon request.
2. Breakdown voltage is measured in the presence of a radioactive ionizing source with leakage current limited to
100 microamperes.


Similar Part No. - LDW-10SM

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW-11SM LETEX-LDW-11SM Datasheet
138Kb / 2P
Reed Switch specifications
More results

Similar Description - LDW-10SM

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW1002 LETEX-LDW1002 Datasheet
64Kb / 3P
Reed Switch specifications
LDW1003 LETEX-LDW1003 Datasheet
64Kb / 3P
Reed Switch specifications
LDW101SM LETEX-LDW101SM Datasheet
191Kb / 2P
Reed Switch specifications
LDW1410B LETEX-LDW1410B Datasheet
70Kb / 4P
Reed Switch specifications
LDW1501 LETEX-LDW1501 Datasheet
63Kb / 3P
Reed Switch specifications
LDW1555-1 LETEX-LDW1555-1 Datasheet
367Kb / 4P
Reed Switch specifications
LDW2050 LETEX-LDW2050 Datasheet
64Kb / 3P
Reed Switch specifications
LDW4002 LETEX-LDW4002 Datasheet
98Kb / 3P
Reed Switch specifications
LDW5051 LETEX-LDW5051 Datasheet
65Kb / 3P
Reed Switch specifications
LDW9002 LETEX-LDW9002 Datasheet
68Kb / 3P
Reed Switch specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com