Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW-11SM Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LDW-11SM
Description  Reed Switch specifications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW-11SM Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LDW-11SM Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW-11SM Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDW11SM
- 2 -
Letex Technology Corp.
Physical Characteristics
Operating Temperature
-40℃ to + 125℃
Storage Temperature
-50℃ to + 155℃
Vibration 10 – 2000 Hz (G ’ S MAX)
30g
Shock 11ms. ½ Sine wave (G ’ S MAX)
100g
Resonant Frequency (TYP. )
5 KHz
Switching Frequency (MAX. )
200 Hz
DROP OUT Vs. PULL IN
Pull in (AT)
10
0
0
10
20
20
30
40
50
40
30
50
Breakdown Voltage Vs. PULL IN (AT)
200
0
0
100
300
PULL IN (AT)
20
30
40
10
Minimum Life Expectancy
Load
5V DC
2mA
10V DC
1A
12V DC
10mA
24V DC
10mA
48V DC
100mA
70V DC
80mA
Life
100×10
6
0.5×10
6
10×10
6
2×10
6
0.5×10
6
0.5×10
6
End of Life Definition
1.
Contact resistance above 1 ohm.
2. Failure to open (sticking).
Packaging Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com