Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW1010 Datasheet(PDF) 3 Page - LETEX TECHNOLOGY CORP.

Part # LDW1010
Description  Reed Switch specifications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW1010 Datasheet(HTML) 3 Page - LETEX TECHNOLOGY CORP.

  LDW1010 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW1010 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LDW1010 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LDW-1010
- 3 -
Letex Technology Corp.
Physical Characteristics
Operating temperature
-40℃
to
+ 125℃
Storage temperature
-60℃
to
+ 125℃
Vibration 10 – 2000 Hz (G ’ S MAX)
50g
Shock 11ms. ½ Sine wave (G ’ S MAX)
100g
Resonant frequency (TYP. )
8.5 KHz
Switching frequency (MAX. )
200 Hz
Length after cropping
10
Breakdown Voltage Vs. PULL IN (AT)
0
100
200
0
300
2
0
20
0
8
4
6
14
10
12
40
30
20
PULL IN (AT)
Length after cropping
30
40
0
0
20
2
30
6
4
8
10
12
14
40
DROP OUT Vs. PULL IN
20
(Increase in PULL IN)
Pull in (AT)
Change in PULL IN Vs. Lead Length
10
0
10
0
20
40
30
50
Change in DROP OUT Vs. Lead Length
(Increase in DROP OUT)
30
40
50
Minimum Life
Minimum Life
Minimum Life
Minimum Life Expectancy
Expectancy
Expectancy
Expectancy
Load
5V DC
2mA
10V DC
1A
12V DC
10mA
24V DC
10mA
48V DC
50mA
70V DC
20mA
Life
100×10
6
0.5×10
6
10×10
6
2×10
6
0.5×10
6
0.5×10
6
End of Life Definition
1.
Contact resistance above 1 ohm.
2. Failure to open (sticking).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com