Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW2050 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LDW2050
Description  Reed Switch specifications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LDW2050 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LDW2050 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LDW2050 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LDW2050 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LDW2050
- 2 -
Letex Technology Corp.
Electrical Characteristics
Contact form
SPST Form A Center gap
Contact material
Rhodium
Switching power
(max.)
50 VA
Switching Current
(max.)
0.7 Amp. DC
0.7 Amp. AC
Carry Current
(max.)
2.0 Amp. DC
2.0 Amp. AC
Switching voltage
(max.)
220 VDC
Breakdown voltage
(min.)
300 VDC
Contact resistance
(max.)
100 Miniohms
Insulation resistance
(min.)
10
9 Ohms
Contact capacitance
(max.)
0.4 pF
Operate time including bounce
(typ.)
1.0ms
Release time
(typ.)
0.2 ms
Pull in Range
20 – 60 AT
Drop out
30 – 90%
1. The specification for VA rating may be exceeded for less sensitive (High AT) switches, and should be
decreased for very sensitive (Low AT) switches. Specific life testing for a particular load will be run
upon request.
Note:
2. Breakdown voltage is measured in the presence of a radioactive ionizing source with leakage current
limited to 100 microamperes.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com