Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1794-ID2 Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 1794-ID2
Description  FLEX I/O 2 CHANNEL INCREMENTAL ENCODER MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

1794-ID2 Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  1794-ID2 Datasheet HTML 1Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Automation Systems > Distributed I/O and Signal Converters > Fieldbus I/O Systems > Allen-Bradley FLEX™ I/O >
FLEX™ I/O Specialty Modules
FLEX I/O 2 CHANNEL INCREMENTAL ENCODER MODULE
1794-ID2
Catalogue No:
·
Frequency modules
·
Very High Speed Counter (VHSC) module
·
Pulse counter modules
·
Each Flex™ I/O Specialty module requires a terminal
base
Representative Photo Only
(actual product may vary based on configuration selections)
Flex I/O 2 Channel Incremental Encoder Module
SPECIFICATIONS
Product Series
Component Type Fieldbus I/O
Channel Type
Encoder Type
Frequency (Max)
Signal Voltage, Input
Encoder Channels
Number of Specialty Channels
Power Supply
Module Specific Functions
Operating Temperature, Max
Operating Temperature, Min
Flex I/O (Bul.1794)
Specialty Module
Incremental Encoder
Incremental
100 kHz
5V DC
A
Z
B
G
2 qty
12-24V DC
High speed pulse counter
55 °C max
0 °C min
REFERENCES
Installation Guide:
-
User Manual:
-
Manufacturer Datasheet:
-
Manufacturer Catalogue
& Product Selection:
-
Supplier Declaration of
Conformity:
-
IECEx Certificate
-
Page 1 of 1
7 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
1794ID2 Datasheet
NHP Electrical Engineering Products


Similar Part No. - 1794-ID2

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1794-IA16 NHP-1794-IA16 Datasheet
523Kb / 1P
FLEX I/O 16DI 120V AC MODULE
7 June 2023,
1794-IB10XOB6 NHP-1794-IB10XOB6 Datasheet
544Kb / 2P
FLEX I/O 10DI SINK 6DO SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XOB16P NHP-1794-IB16XOB16P Datasheet
544Kb / 2P
FLEX I/O 16DI SINK 16DO PROTECTED SOURCE 24V DC MODULE
7 June 2023,
1794-IB16XT NHP-1794-IB16XT Datasheet
622Kb / 1P
FLEX I/O XT 16DI 24V DC SINK MODULE
7 June 2023,
1794-IB32 NHP-1794-IB32 Datasheet
508Kb / 1P
FLEX I/O 32DI 24V DC SINK MODULE
7 June 2023,
More results

Similar Description - 1794-ID2

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
logo
NHP Electrical Engineer...
1734-IK NHP-1734-IK Datasheet
496Kb / 1P
POINT I/O 24V DC INCREMENTAL ENCODER MODULE
7 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com