Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1794-IF2XOF2I Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # 1794-IF2XOF2I
Description  FLEX I/O 2AI 2AO CURRENT/VOLTAGE ISOLATED MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

1794-IF2XOF2I Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  1794-IF2XOF2I Datasheet HTML 1Page - NHP Electrical Engineering Products 1794-IF2XOF2I Datasheet HTML 2Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Systems > Distributed I/O and Signal Converters > Fieldbus I/O Systems > Allen-Bradley FLEX™ I/O >
FLEX™ I/O Modules
FLEX I/O 2AI 2AO CURRENT/VOLTAGE ISOLATED MODULE
1794-IF2XOF2I
Catalogue No:
·
Cover a wide electrical range
·
Densities range from 8...32 points
·
Isolated inputs or outputs, protected outputs, electronic
fusing, or diagnostics available on some modules
·
Removal and Insertion Under Power (RIUP) lets you
replace modules and make cable connections while
the system is in operation
·
FLEX-I/O XT™ extreme environment modules are
rated for -20...70 °C (-4....185 °F) and are compatible
with the ControlLogix-XT™ extreme environment
system. Contact NHP for further information.
·
Each I/O module requires a terminal base for
connection points for I/O wiring
·
Wire directly from sensor to terminal base of the Flex™
I/O module and eliminate the terminal strip
·
Conformally coated modules are available, please
contact NHP for further details
Representative Photo Only
(actual product may vary based on configuration selections)
Analog Combination Module, 2 Inputs/2 output Isolated
SPECIFICATIONS
Product Series
Component Type Fieldbus I/O
Number of Analogue Inputs
Analogue Input Type(s)
Analogue Input Range(s)
Analogue Resolution, Input
Number of Analogue Outputs
Analogue Output Type(s)
Analogue Output Range(s)
Analogue Resolution, Output
Power Supply
Module Specific Functions
Operating Temperature, Max
Operating Temperature, Min
Flex I/O (Bul.1794)
Analogue In/Out Module
2 qty
Current / Voltage: Single-Ended / Differential, Isolated
0 ... 20mA
4 ... 20mA
-20 ... 20mA
-10 +10V DC
0 ... 10V DC
-5 ... 5V DC
0 ... 5V DC
16 bit (signed)
2 qty
Current / Voltage: Single-Ended, Isolated
-10 +10V DC
-5 ... 5V DC
0 ... 5V DC
0 ... 10V DC
0 ... 20mA
4 ... 20mA
-20 ... 20mA
16 bit (signed)
24V DC
Interface analog signals with any
programmable controller have block
transfer capability
55 °C max
0 °C min
Page 1 of 2
7 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
1794IF2XOF2I Datasheet
NHP Electrical Engineering Products


Similar Part No. - 1794-IF2XOF2I

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1794-IF4I NHP-1794-IF4I Datasheet
508Kb / 1P
FLEX I/O 4AI CURRENT/VOLTAGE ISOLATED MODULE
7 June 2023,
1794-IF8IH NHP-1794-IF8IH Datasheet
508Kb / 1P
FLEX I/O 8AI CURRENT SINGLE ENDED HART MODULE
7 June 2023,
More results

Similar Description - 1794-IF2XOF2I

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
1734-IT2I NHP-1734-IT2I Datasheet
493Kb / 2P
POINT I/O 2AI THERMOCOUPLE MODULE
7 June 2023,
1734-OE2C NHP-1734-OE2C Datasheet
457Kb / 1P
POINT I/O 2AO CURRENT MODULE
7 June 2023,
1734-OE2V NHP-1734-OE2V Datasheet
457Kb / 1P
POINT I/O 2AO VOLTAGE MODULE
7 June 2023,
1769-IF4XOF2 NHP-1769-IF4XOF2 Datasheet
473Kb / 2P
COMPACTLOGIX 4AI/2AO CURRENT/VOLTAGE MODULE
8 June 2023,
1769-OF2 NHP-1769-OF2 Datasheet
444Kb / 1P
COMPACTLOGIX 2AO CURRENT/VOLTAGE MODULE
8 June 2023,
1794-IE4XOE2 NHP-1794-IE4XOE2 Datasheet
543Kb / 2P
FLEX I/O 4AI 2AO SINGLE ENDED MODULE
7 June 2023,
1794-IF4I NHP-1794-IF4I Datasheet
508Kb / 1P
FLEX I/O 4AI CURRENT/VOLTAGE ISOLATED MODULE
7 June 2023,
1794-OE4 NHP-1794-OE4 Datasheet
593Kb / 1P
FLEX I/O 4AO CURRENT/VOLTAGE MODULE
7 June 2023,
1794-OF4I NHP-1794-OF4I Datasheet
593Kb / 1P
FLEX I/O 4AO 4AI CURRENT/VOLTAGE ISOLATED MODULE
7 June 2023,
1794-OW8 NHP-1794-OW8 Datasheet
513Kb / 1P
FLEX I/O 8DO RELAY ISOLATED MODULE
7 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com