Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC244A Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC244A
Description  Octal buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC244A Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC244A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC244A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
74LVC244A
aaa-032841
Transparent top view
GND(1)
1A0 2
terminal 1
index area
2Y0
1Y0
3
18
2Y2 7
1A3 8
2Y3 9
2OE
19
1Y2
14
1A1 4
2A0
17
2A2
13
2Y1 5
1A2 6
1Y1
16
2A1
15
1Y3
12
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered,
the solder land should remain floating or connected to GND.
Fig. 6. Pin configuration SOT8020-1 (DHXQFN20)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1OE, 2OE
1, 19
output enable input (active low)
1A0, 1A1, 1A2, 1A3
2, 4, 6, 8
data input
2Y0, 2Y1, 2Y2, 2Y3
3, 5, 7, 9
data output
GND
10
ground (0 V)
2A0, 2A1, 2A2, 2A3
17, 15, 13, 11
data input
1Y0, 1Y1, 1Y2, 1Y3,
18, 16, 14, 12
data output
VCC
20
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Control
Input
Output
nOE
nAn
nYn
L
L
L
L
H
H
H
X
Z
74LVC_LVCH244A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 12 — 16 September 2021
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com