Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC273 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC273
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC273 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC273 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC273 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
74LVC273
Octal D-type flip-flop with reset; positive-edge trigger
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
Dn to CP; see Fig. 7
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
3.5
-
-
3.5
-
ns
VCC = 2.7 V
3.0
1.0
-
3.0
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
1.0
0.0
-
1.0
-
ns
Dn to CP; see Fig. 7
VCC = 1.65 V to 1.95 V
3.0
-
-
3.0
-
ns
VCC = 2.3 V to 2.7 V
2.5
-
-
2.5
-
ns
VCC = 2.7 V
2.0
-0.2
-
2.0
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
1.0
0.0
-
1.0
-
ns
see Fig. 5
VCC = 1.65 V to 1.95 V
80
-
-
64
-
MHz
VCC = 2.3 V to 2.7 V
100
-
-
80
-
MHz
VCC = 2.7 V
150
-
-
150
-
MHz
fmax
maximum
frequency
VCC = 3.0 V to 3.6 V
150
230
-
150
-
MHz
tsk(o)
output skew time VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
per flip-flop; VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
14.0
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
17.7
-
-
-
pF
CPD
power
dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
21.0
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volt
N = number of inputs switching
Σ(CL × VCC 2 × fo) = sum of the outputs
10.1. Waveforms and test circuit
mna765
CP input
Qn output
tPHL
tPLH
tW
VM
VOH
VI
GND
VOL
VM
VM
1/fmax
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. Clock (CP) to output (Qn) propagation delays, the clock pulse width, and the maximum frequency
74LVC273
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 31 August 2021
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com