Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC273BQ Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC273BQ
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC273BQ Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC273BQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC273BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
74LVC273
Octal D-type flip-flop with reset; positive-edge trigger
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
II
input leakage
current
VCC = 3.6 V; VI = 5.5 V or GND
-
±0.1
±5
-
±20
μA
ICC
supply current VCC = 3.6 V; VI = VCC or GND;
IO = 0 A
-
0.1
10
-
40
μA
ΔICC
additional
supply current
per input pin;
VCC = 2.7 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
5.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 8.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
CP to Qn; see Fig. 5
[2]
VCC = 1.2 V
-
18
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.5
9.7
19.2
2.5
22.2
ns
VCC = 2.3 V to 2.7 V
1.8
4.9
9.9
1.8
11.4
ns
VCC = 2.7 V
1.5
4.5
8.4
1.5
10.5
ns
tpd
propagation
delay
VCC = 3.0 V to 3.6 V
1.5
4.1
8.2
1.5
10.5
ns
MR to Qn; see Fig. 6
VCC = 1.2 V
-
18
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.4
10.2
20.4
2.4
23.5
ns
VCC = 2.3 V to 2.7 V
1.7
5.2
10.5
1.7
12.1
ns
VCC = 2.7 V
1.5
4.7
8.9
1.5
11.5
ns
tPHL
HIGH to LOW
propagation
delay
VCC = 3.0 V to 3.6 V
1.5
4.3
8.7
1.5
11.0
ns
clock HIGH or LOW; see Fig. 5
VCC = 1.65 V to 1.95 V
6.0
-
-
6.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
-
-
5.0
-
ns
VCC = 2.7 V
5.0
1.8
-
5.0
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.2
-
4.0
-
ns
master reset LOW; see Fig. 6
VCC = 1.65 V to 1.95 V
6.0
-
-
6.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
-
-
5.0
-
ns
VCC = 2.7 V
5.0
1.7
-
5.0
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
4.0
1.2
-
4.0
-
ns
MR to CP; see Fig. 6
VCC = 1.65 V to 1.95 V
2.0
-
-
2.0
-
ns
VCC = 2.3 V to 2.7 V
2.0
-
-
2.0
-
ns
VCC = 2.7 V
2.0
-1.0
-
2.0
-
ns
trec
recovery time
VCC = 3.0 V to 3.6 V
2.0
-1.0
-
2.0
-
ns
74LVC273
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 31 August 2021
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com